Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72016 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72016
Description  FSK/ASK Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72016 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 1 of 15
Data Sheet
Rev. 009
Jan/12
Features
Fully integrated PLL-stabilized VCO
Frequency range from 380 MHz to 450 MHz
Single-ended RF output
FSK through crystal pulling allows modulation
from DC to 40 kbit/s
High FSK deviation possible for wideband data
transmission
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
Wide power supply range from 1.95 V to 5.5 V
Very low standby current
Microcontroller clock output
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency
independently adjustable
Adjustable output power range from
-12 dBm to +10 dBm
Adjustable current consumption from
3.8 mA to 11.0 mA
Conforms to EN 300 220 and similar standards
10-pin quad flat no lead (QFN) package
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72016
K
LD
CAA-000
TU
TH72016
K
LD
CAA-000
RE
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
LD for QFN double
Packing Form:
RE for Reel, TU for Tube
Ordering example
TH72016KLD-CAA-000-TU
Application Examples
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Automatic Meter Reading (AMR)
Alarm and security systems
Garage door openers
Home and building automation
Low-power telemetry
Wireless access control
Pin Description
General Description
The TH72016 FSK/ASK transmitter IC is designed for applications in the European 433 MHz industrial-
scientific-medical (ISM) band, according to the EN 300 220 telecommunications standard; but it can also be
used in other countries with similar standards, e.g. FCC part 15.231.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The inte-
grated PLL synthesizer ensures that carrier frequencies, ranging from 380 MHz to 450 MHz, can be
achieved. This is done by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is
the PLL feedback divider ratio.
A clock signal with selectable frequency is provided. It can be used to drive a microcontroller.
top view
OUT
VEE
VCC
CKDIV
PSEL
CKOUT
FSKSW
ROI
ENTX
FSKDTA


Similar Part No. - TH72016

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72016 MELEXIS-TH72016 Datasheet
339Kb / 16P
433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016 Datasheet
885Kb / 16P
433MHz FSK/ASK Transmitter
TH72016KLD MELEXIS-TH72016KLD Datasheet
339Kb / 16P
433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
433MHz FSK/ASK Transmitter
More results

Similar Description - TH72016

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
UHF ASK/FSK TRANSMITTER
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_12 Datasheet
850Kb / 20P
FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72035 MELEXIS-TH72035_12 Datasheet
740Kb / 20P
FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
FSK/ASK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com