Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72016 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # TH72016
Description  FSK/ASK Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 13 of 15
Data Sheet
Rev. 009
Jan/12
6 Package Description
The device TH72016 is RoHS compliant.
A
A 1
A3
D
E
1
5
6
1 0
e
b
E2
D2
L
0.36
0.2 25x45°
0.2 3
expos ed pad
Exposed pad not connected to internal GND.
It sh ould not be connecte d to the PC B.
It can be with or withou t fingers.
Fig. 7:
10L QFN 3x3 Dual
all Dimensions in mm
D
E
D2
E2
A
A1
A3
L
e
b
min
2.85
2.85
2.23
1.49
0.80
0
0.20
0.3
0.50
0.18
max
3.15
3.15
2.48
1.74
1.00
0.05
0.5
0.30
all Dimensions in inch
min 0.112 0.112 0.0878 0.051 0.0315
0
0.0079
0.0118
0.0197
0.0071
max 0.124 0.124 0.0976 0.055 0.0393 0.002
0.0197
0.0118
6.1
Soldering Information
•
The device TH72016 is qualified for MSL1 with soldering peak temperature 260 deg C
according to JEDEC J-STD-20
6.2
Recommended PCB Footprints
all Dimensions in mm
Z
G
D2th
E2th
X
Y
CPL
e
min
3.55
1.9
3.2
1.3
0.25
0.7
0.3
0.5
max
3.90
2.3
3.6
1.7
0.30
1.0
0.5
all Dimensions in inch
min 0.1398 0.0748 0.1260 0.0512 0.0098 0.0276 0.0591
0.0197
max 0.1535 0.0906 0.1417 0.0669 0.0118 0.0394 0.0197
Fig. 8:
PCB land pattern style
solder stop
solder pad
e
X
Y
CPL
E2th
D2 th
Z G
1
5
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com