Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3485 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3485 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3485 Datasheet HTML 7Page - National Semiconductor (TI) LM3485 Datasheet HTML 8Page - National Semiconductor (TI) LM3485 Datasheet HTML 9Page - National Semiconductor (TI) LM3485 Datasheet HTML 10Page - National Semiconductor (TI) LM3485 Datasheet HTML 11Page - National Semiconductor (TI) LM3485 Datasheet HTML 12Page - National Semiconductor (TI) LM3485 Datasheet HTML 13Page - National Semiconductor (TI) LM3485 Datasheet HTML 14Page - National Semiconductor (TI) LM3485 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Design Information
Hysteretic control is a simple control scheme. However the
operating frequency and other performance characteristics
highly depend on external conditions and components. If
either the inductance, output capacitance, ESR, V
IN,orCff is
changed, there will be a change in the operating frequency
and output ripple. The best approach is to determine what
operating frequency is desirable in the application and then
begin with the selection of the inductor and C
OUT ESR.
Inductor Selection (L1)
The important parameters for the inductor are the induc-
tance and the current rating. The LM3485 operates over a
wide frequency range and can use a wide range of induc-
tance values. A good rule of thumb is to use the equations
used for National’s Simple Switchers
®. The equation for
inductor ripple (
∆i) as a function of output current (I
OUT) is:
for I
out < 2.0Amps
∆i ≤ I
out * 0.386827 * Iout
−0.366726
for I
out > 2.0Amps
∆i ≤ I
out * 0.3
The inductance can be calculated based upon the desired
operating frequency where:
And
where D is the duty cycle and V
D is the diode forward
voltage.
The inductor should be rated to the following:
Ipk = (Iout+
∆i/2)*1.1
The inductance value and the resulting ripple is one of the
key parameters controlling operating frequency. The second
is the ESR.
Output Capacitor Selection (C
OUT)
The ESR of the output capacitor times the inductor ripple
current is equal to the output ripple of the regulator. How-
ever, the V
HYST sets the first order value of this ripple. As
ESR is increased with a given inductance, then operating
frequency increases as well. If ESR is reduced then the
operating frequency reduces.
The use of ceramic capacitors has become a common de-
sire of many power supply designers. However, ceramic
capacitors have a very low ESR resulting in a 90˚ phase shift
of the output voltage ripple. This results in low operating
frequency and increased output ripple. To fix this problem a
low value resistor should be added in series with the ceramic
output capacitor. Although counter intuitive, this combination
of a ceramic capacitor and external series resistance provide
highly accurate control over the output voltage ripple. The
other types capacitor, such as Sanyo POS CAP and
OS-CON, Panasonic SP CAP, Nichicon ’NA’ series, are also
recommended and may be used without additional series
resistance.
For all practical purposes, any type of output capacitor may
be used with proper circuit verification.
Input Capacitor Selection (C
IN)
A bypass capacitor is required between the input source and
ground. It must be located near the source pin of the external
PFET. The input capacitor prevents large voltage transients
at the input and provides the instantaneous current when the
PFET turns on.
The important parameters for the input capacitor are the
voltage rating and the RMS current rating. Follow the manu-
facturer’s recommended voltage derating. For high input
voltage application, low ESR electrolytic capacitor, the Nichi-
con ’UD’ series or the Panasonic ’FK’ series, is available.
The RMS current in the input capacitor can be calculated.
The input capacitor power dissipation can be calculated as
follows.
P
D(CIN) =IRMS_CIN
2 * ESR
CIN
The input capacitor must be able to handle the RMS current
and the P
D. Several input capacitors may be connected in
parallel to handle large RMS currents. In some cases it may
be much cheaper to use multiple electrolytic capacitors than
a single low ESR, high performance capacitor such as
OS-CON or Tantalum. The capacitance value should be
selected such that the ripple voltage created by the charge
and discharge of the capacitance is less than 10% of the
total ripple across the capacitor.
Programming the Current Limit (R
ADJ)
The current limit is determined by connecting a resistor
(R
ADJ) between input voltage and the ADJ pin.
R
ADJ =IIND_PEAK * RDSON/ICL_ADJ
where:
R
DSON : Drain-Source ON resistance of the external PFET
I
CL_ADJ : 5.5µA typically
I
IND_PEAK =ILOAD +IRIPPLE/2
Catch Diode Selection (D1)
The important parameters for the catch diode are the peak
current, the peak reverse voltage, and the average power
dissipation. The average current through the diode can be
calculated as following.
I
D_AVE =IOUT
* (1−D)
The off state voltage across the catch diode is approximately
equal to the input voltage. The peak reverse voltage rating
must be greater than input voltage. In nearly all cases a
shottky diode is recommended. In low output voltage appli-
cations a low forward voltage provides improved efficiency.
For high temperature applications, diode leakage current
may become significant and require a higher reverse voltage
rating to achieve acceptable performance.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com