Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3485 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3485 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3485 Datasheet HTML 7Page - National Semiconductor (TI) LM3485 Datasheet HTML 8Page - National Semiconductor (TI) LM3485 Datasheet HTML 9Page - National Semiconductor (TI) LM3485 Datasheet HTML 10Page - National Semiconductor (TI) LM3485 Datasheet HTML 11Page - National Semiconductor (TI) LM3485 Datasheet HTML 12Page - National Semiconductor (TI) LM3485 Datasheet HTML 13Page - National Semiconductor (TI) LM3485 Datasheet HTML 14Page - National Semiconductor (TI) LM3485 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Design Information (Continued)
P-Channel MOSFET Selection (Q1)
The important parameters for the PFET are the maximum
Drain-Source voltage (V
DS), the on resistance (RDSON), Cur-
rent rating, and the input capacitance.
The voltage across the PFET when it is turned off is equal to
the sum of the input voltage and the diode forward voltage.
The V
DS must be selected to provide some margin beyond
the input voltage. PGATE swings the PFET’s gate from V
IN
to V
IN − 5V when the input voltage is greater than 7V. At less
than 7V input, the PGATE voltage swing is smaller. At 4.5V
input the PGATE swings from V
IN to VIN − 3.3V. To insure
that the PFET turns on completely, a low threshold PFET
should be used when the input voltage is less than 7V.
R
DSON and package size must be used to determine the
appropriate FET for a given current as well as peak current
capability. Switching losses also must be considered.
The first order losses in the FET are approximately:
PDswitch = R
DSON*IOUT
2*D+F*I
OUT*VIN*(ton +toff)/2
where:
t
on = FET turn on time
t
off = FET turn off time
A value of 10ns to 20ns is typical for ton and toff.
The R
DSON is used in determining the current limit resistor
value, R
ADJ. Note that the RDSON has a positive temperature
coefficient. At 100˚C, the R
DSON may be as much as 150%
higher than the 25˚C value. This increase in R
DSON must be
considered it when determining R
ADJ in wide temperature
range applications. If the current limit is set based upon 25˚C
ratings, then false current limiting can occur at high tempera-
ture.
Keeping the gate capacitance below 2000pF is recom-
mended to keep switching losses and transition times low.
As gate capacitance increases, operating frequency should
be reduced and as gate capacitance decreases operating
frequency can be increased.
PCB Layout
The PC board layout is very important in all switching regu-
lator designs. Poor layout can cause switching noise into the
feedback signal and general EMI problems. For minimal
inductance, the wires indicated by heavy lines should be as
wide and short as possible. Keep the ground pin of the input
capacitor as close as possible to the anode of the diode. This
path carries a large AC current. The switching node, the
node with the diode cathode, inductor, and FET drain, should
be kept short. This node is one of the main sources for
radiated EMI since it is an AC voltage at the switching
frequency. It is always good practice to use a ground plane in
the design, particularly at high currents. The gate pin of the
external PFET should be located close to the PGATE pin.
However, if a very small FET is used, a resistor may be
required between PGATE and the gate of the FET to reduce
high frequency ringing.
The feedback voltage signal line can be sensitive to noise.
Make sure to avoid inductive coupling to the inductor or the
switching node.
20034628
FIGURE 6. Typical PCB Layout Schematic (3.3V output)
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com