Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AND6
Description  6-input AND gate with 1x drive strength
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AND6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AND6 Datasheet HTML 1Page - List of Unclassifed Manufacturers AND6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AND6 is a 6-input AND gate with 1x drive strength.
Truth Table
B
C
D
E
A
F
Q
Capacitance
AB
C
D
E
F
Q
Ci (pF)
L
XXX
XX
L
A
0.050
X
L
XX
XX
L
B
0.043
XX
L
X
XX
L
C
0.047
XXX
L
X
X
L
D
0.050
XXXX
L
X
L
E
0.043
XXXX
X
L
L
F
0.047
HHHH
HH
H
Area
Power
1.08 mils
2
2.83 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay A to Q
tpdar
0.54
1.84
2.58
0.59
1.89
2.58
tpdaf
0.58
1.68
2.21
0.91
2.01
2.55
Delay B to Q
tpdbr
0.57
1.88
2.60
0.58
1.89
2.56
tpdbf
0.64
1.73
2.28
0.99
2.12
2.67
Delay C to Q
tpdcr
0.57
1.88
2.60
0.54
1.83
2.47
tpdcf
0.70
1.77
2.35
1.06
2.20
2.71
Delay D to Q
tpddr
0.54
1.92
2.51
0.60
1.89
2.57
tpddf
0.60
1.69
2.21
0.95
2.01
2.53
Delay E to Q
tpder
0.58
1.95
2.59
0.57
1.87
2.56
tpdef
0.66
1.75
2.28
1.02
2.11
2.62
Delay F to Q
tpdfr
0.59
1.95
2.56
0.53
1.83
2.51
tpdff
0.72
1.83
2.33
1.11
2.19
2.74
Output Slope A to Q
op_slar
1.07
5.32
7.46
1.02
5.28
7.37
op_slaf
0.75
3.78
5.05
0.73
3.62
5.02
Output Slope B to Q
op_slbr
1.08
5.31
7.43
1.05
5.31
7.37
op_slbf
0.75
3.61
5.07
0.77
3.70
5.27
Sept. 1996
- 36 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
AND6
AND6


Similar Part No. - AND6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
AND671GST ETC2-AND671GST Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
AND671GST-LED ETC2-AND671GST-LED Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
logo
Purdy Electronics Corpo...
AND671GST-LED PURDY-AND671GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
AND671GST-LED PURDY-AND671GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
More results

Similar Description - AND6

ManufacturerPart #DatasheetDescription
logo
ams AG
NA53 AMSCO-NA53 Datasheet
9Kb / 1P
NA53 is a 5-input NAND gate with 3x drive strength
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com