Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AND6
Description  6-input AND gate with 1x drive strength
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AND6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AND6 Datasheet HTML 1Page - List of Unclassifed Manufacturers AND6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Output Slope C to Q
op_slcr
1.08
5.31
7.46
1.05
5.30
7.37
op_slcf
0.78
3.60
5.10
0.81
3.66
4.98
Output Slope D to Q
op_sldr
1.08
5.31
7.50
1.02
5.30
7.37
op_sldf
0.81
3.67
4.97
0.83
3.65
4.96
Output Slope E to Q
op_sler
1.07
5.32
7.47
1.02
5.28
7.37
op_slef
0.82
3.58
4.98
0.83
3.60
4.97
Output Slope F to Q
op_slfr
1.05
5.32
7.55
1.05
5.30
7.35
op_slff
0.85
3.70
4.92
0.86
3.60
4.92
Sept. 1996
- 37 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
AND6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com