Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3485MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3485MM
Description  Hysteretic PFET Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3485MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3485MM Datasheet HTML 1Page - National Semiconductor (TI) LM3485MM Datasheet HTML 2Page - National Semiconductor (TI) LM3485MM Datasheet HTML 3Page - National Semiconductor (TI) LM3485MM Datasheet HTML 4Page - National Semiconductor (TI) LM3485MM Datasheet HTML 5Page - National Semiconductor (TI) LM3485MM Datasheet HTML 6Page - National Semiconductor (TI) LM3485MM Datasheet HTML 7Page - National Semiconductor (TI) LM3485MM Datasheet HTML 8Page - National Semiconductor (TI) LM3485MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3485
Hysteretic PFET Buck Controller
General Description
The LM3485 is a high efficiency PFET switching regulator
controller that a system designer can use to quickly and
easily develop a small, low cost, switching buck regulator for
a wide range of applications. The use of a hysteretic control
scheme provides for simple design without any control loop
stability concerns using a wide variety of external compo-
nents. The PFET architecture also allows for low component
count as well as ultra-low dropout operation. Another benefit
is high efficiency operation at light loads without an increase
in output ripple. Current limit protection circuit is provided by
measuring the voltage across the PFET’s R
DSON thus elimi-
nating a costly sense resistor. The current limit can be ad-
justed allowing for designs at various output currents and
costs.
Features
n
Easy to use control methodology
n
No control loop compensation required
n
4.5V to 35V wide input range
n
1.242V to V
IN adjustable output range
n
High Efficiency 93%
n ±
1.3% (±2% over temp) internal reference
n
100% duty cycle
n
Maximum operating frequency > 1MHz
n
Current limit protection
n
MSOP-8
Applications
n
Set-Top Box
n
DSL/Cable Modem
n
PC/IA
n
Auto PC
n
TFT Monitor
n
Battery Powered Portable Applications
n
Distributed Power Systems
n
Always On Power
Typical Application Circuit
20034608
May 2002
© 2002 National Semiconductor Corporation
DS200346
www.national.com


Similar Part No. - LM3485MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
996Kb / 23P
Hysteretic PFET Buck Controller
LM3485MM TI1-LM3485MM Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3485MM-NOPB TI-LM3485MM-NOPB Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485MM/NOPB TI1-LM3485MM/NOPB Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
More results

Similar Description - LM3485MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
LM3485 Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
LM3475 Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com