Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3485MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3485MM
Description  Hysteretic PFET Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3485MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3485MM Datasheet HTML 7Page - National Semiconductor (TI) LM3485MM Datasheet HTML 8Page - National Semiconductor (TI) LM3485MM Datasheet HTML 9Page - National Semiconductor (TI) LM3485MM Datasheet HTML 10Page - National Semiconductor (TI) LM3485MM Datasheet HTML 11Page - National Semiconductor (TI) LM3485MM Datasheet HTML 12Page - National Semiconductor (TI) LM3485MM Datasheet HTML 13Page - National Semiconductor (TI) LM3485MM Datasheet HTML 14Page - National Semiconductor (TI) LM3485MM Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Functional Description (Continued)
Start Up
The current limit circuit is active during start-up. During
start-up the PFET will stay on until either the current limit or
the feedback comparator is tripped
If the current limit comparator is tripped first then the fold
back characteristic should be taken into account. Start-up
into full load may require a higher current limit set point or the
load must be applied after start-up.
One problem with selecting a higher current limit is inrush
current during start-up. Adding a capacitance (C
ADJ) in par-
allel with R
ADJ results in soft-start. CADJ and RADJ create an
RC time constant forcing current limit to activate at a lower
current. The output voltage will ramp more slowly when
using the soft-start functionality.
The C
ADJ also filters unwanted noise so that the ISENSE
comparator will not be accidentally triggered. A value of
100pF to 1nF is recommended in most applications. These
low values for C
ADJ will have little to no effect on soft-start.
There are example start-up plots for C
ADJ equal to 1nF and
10nF in the Typical Performance Characteristics.
External Sense Resistor
The V
DS of a PFET will tend to vary significantly over tem-
perature. This will result an equivalent variation in current
limit. To improve current limit accuracy an external sense
resistor can be connected from V
IN to the source of the
PFET, as shown in
Figure 5.
20034627
FIGURE 5. Current Sensing by External Resistor
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com