Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP131 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP131
Description  300mA Low Dropout Linear Regulator with Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131 Datasheet(HTML) 1 Page - Anachip Corp

  AP131 Datasheet HTML 1Page - Anachip Corp AP131 Datasheet HTML 2Page - Anachip Corp AP131 Datasheet HTML 3Page - Anachip Corp AP131 Datasheet HTML 4Page - Anachip Corp AP131 Datasheet HTML 5Page - Anachip Corp AP131 Datasheet HTML 6Page - Anachip Corp AP131 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.2 Oct 28, 2004
1/7
Features
- Input voltage range is up to 7V
- Dropout voltage 400mV at 300mA output current
- Guaranteed 300mA output current.
- Internal Ron =1.5Ω PMOS draws no base current
- Low quiescent current 50
µA
- Output voltage 2% accuracy, and 1.5V to 5V with
0.1V step
- Active low shutdown function (EN pin).
- Fast transient response
- Good load regulation
- Current limit and thermal shutdown protection
- SOT89-5L and SOT23-5L packages
Applications
- Wireless Communication
- Battery Powered device
- CD-ROM, DVD, and LAN Card
- PC peripheral
General Descriptions
The AP131 is a 300mA, fixed output voltage, low
dropout linear regulator. The Device included pass
element, error amplifier, band-gap, current limit and
thermal shutdown circuitry. The device is ON when
EN pin is set to logic high level.
The characteristics of low dropout voltage and less
quiescent current make it good for some critical
current application, for example, some battery
powered devices. The typical quiescent current is
approximately 50µA from zero to maximum load.
Due to internal flexible design, result in extensively
fixed output voltage versions and make it
convenient
to
use
for
applications.
Built-in
current-limit
and
thermal-shutdown
functions
prevent any fault condition from IC damage. An
external capacitor can be connected to the BP pin
and reduce the output noise.
Pin Assignments
(Top View)
SOT23-5L
3
2
5
4
1
IN
GND
EN
BP
OUT
SOT89-5L
(Top View)
3
2
1
5
4
IN
GND
EN
BP
OUT
Pin Descriptions
Name
Description
IN
Input voltage
GND
Ground
EN
Enable pin
BP
Bandgap
OUT
Output voltage


Similar Part No. - AP131

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131 DIODES-AP131 Datasheet
123Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP131-15WG-13 DIODES-AP131-15WG-13 Datasheet
176Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WG-7 DIODES-AP131-15WG-7 Datasheet
176Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-15WL-13 DIODES-AP131-15WL-13 Datasheet
176Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results

Similar Description - AP131

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
300mA, Low Dropout Linear Regulator with Shutdown
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
300mA, Low Dropout Linear Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com