Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP131 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP131
Description  300mA Low Dropout Linear Regulator with Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131 Datasheet(HTML) 3 Page - Anachip Corp

  AP131 Datasheet HTML 1Page - Anachip Corp AP131 Datasheet HTML 2Page - Anachip Corp AP131 Datasheet HTML 3Page - Anachip Corp AP131 Datasheet HTML 4Page - Anachip Corp AP131 Datasheet HTML 5Page - Anachip Corp AP131 Datasheet HTML 6Page - Anachip Corp AP131 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
3/7
Electrical Characteristics
TA=25ºC, CIN=1µF, COUT=10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDROP
Dropout voltage (Note 1)
IL=300mA
-
400
500
mV
ILIMIT
Current Limit (Note 2)
VIN=5V, VOUT=0V
350
450
-
mA
∆VLINE
Line regulation
IL=1mA, VIN=5~7V
-
0.1
0.3
%/V
∆VLOAD
Load regulation (Note 3)
IL=1~300mA, VIN=5V
-
30
35
mV
Output voltage accuracy
IL=1mA, VIN=5V
-2
-
+2
%
∆VOUT
Output voltage temperature
coefficient (Note 4)
-
50
150
PPM/ºC
PSRR
Ripple Rejection
F=100Hz,
CIN=1µF, CO=10uF,
IL=100mA
-
60
-
dB
ISB
Standby current
IL=0mA, VIN=5V, EN=0V
-
-
5
µA
IQ
Quiescent current
IL=0mA, VIN=5V, EN=5V
-
50
100
µA
IEN
Enable pin current
-
-
< 0.1
µA
VENON
Output ON
1.5
-
VIN
V
VENOFF
Enable pin voltage
Output OFF
0
-
0.8
V
TDELAY
Enable delay time
CBP=0.1µF, COUT=1µF,
IOUT=30mA
-
8
-
µS
Note 1. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by
using pulsed ON time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
Note 2. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 3. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 4. Guaranteed by design.
Typical Application Circuit
IN
OUT
GND
AP131
BP
EN
EN
VIN
C
IN
C
BP
C
OUT
VOUT
ON
OFF
1uF
0.1uF
10uF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com