Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3488MM Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM3488MM Datasheet HTML 14Page - National Semiconductor (TI) LM3488MM Datasheet HTML 15Page - National Semiconductor (TI) LM3488MM Datasheet HTML 16Page - National Semiconductor (TI) LM3488MM Datasheet HTML 17Page - National Semiconductor (TI) LM3488MM Datasheet HTML 18Page - National Semiconductor (TI) LM3488MM Datasheet HTML 19Page - National Semiconductor (TI) LM3488MM Datasheet HTML 20Page - National Semiconductor (TI) LM3488MM Datasheet HTML 21Page - National Semiconductor (TI) LM3488MM Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Typical Applications (Continued)
CURRENT LIMIT WITH ADDITIONAL SLOPE
COMPENSATION
If an external slope compensation resistor is used (see
Figure 4) the internal control signal will be modified and this
will have an effect on the current limit. The control signal is
given by:
V
CS =VSENSE −(D * VSL)
Where V
SENSE and VSL are defined parameters in the elec-
trical characteristics section. If R
SL is used, then this will add
to the existing slope compensation. The command voltage
will then be given by:
V
CS =VSENSE −(D * (VSL +
∆V
SL))
Where
∆V
SL is the additional slope compensation generated
and can be calculated by use of Figure 5 or is equal to 40 x
10
−6 *R
SL. This changes the equation for RSEN to:
Therefore R
SL can be used to provide an additional method
for setting the current limit.
POWER DIODE SELECTION
Observation of the boost converter circuit shows that the
average current through the diode is the average load cur-
rent, and the peak current through the diode is the peak
current through the inductor. The diode should be rated to
handle more than its peak current. The peak diode current
can be calculated using the formula:
I
D(Peak) =IOUT/ (1−D) +
∆I
L
In the above equation, I
OUT is the output current and
∆I
L has
been defined in Figure 11
The peak reverse voltage for boost converter is equal to the
regulator output voltage. The diode must be capable of
handling this voltage. To improve efficiency, a low forward
drop schottky diode is recommended.
POWER MOSFET SELECTION
The drive pin of LM3488 must be connected to the gate of an
external MOSFET. In a boost topology, the drain of the
external N-Channel MOSFET is connected to the inductor
and the source is connected to the ground. The drive pin
(DR) voltage depends on the input voltage (see typical per-
formance characteristics). In most applications, a logic level
MOSFET can be used. For very low input voltages, a sub-
logic level MOSFET should be used.
The selected MOSFET directly controls the efficiency. The
critical parameters for selection of a MOSFET are:
1.
Minimum threshold voltage, V
TH(MIN)
2.
On-resistance, R
DS(ON)
3.
Total gate charge, Q
g
4.
Reverse transfer capacitance, C
RSS
5.
Maximum drain to source voltage, V
DS(MAX)
The off-state voltage of the MOSFET is approximately equal
to the output voltage. V
DS(MAX) of the MOSFET must be
greater than the output voltage. The power losses in the
MOSFET can be categorized into conduction losses and ac
switching or transition losses. R
DS(ON) is needed to estimate
the conduction losses. The conduction loss, P
COND,isthe
I
2R loss across the MOSFET. The maximum conduction loss
is given by:
10138820
FIGURE 12. Adjusting the Output Voltage
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com