Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3488MM Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM3488MM Datasheet HTML 15Page - National Semiconductor (TI) LM3488MM Datasheet HTML 16Page - National Semiconductor (TI) LM3488MM Datasheet HTML 17Page - National Semiconductor (TI) LM3488MM Datasheet HTML 18Page - National Semiconductor (TI) LM3488MM Datasheet HTML 19Page - National Semiconductor (TI) LM3488MM Datasheet HTML 20Page - National Semiconductor (TI) LM3488MM Datasheet HTML 21Page - National Semiconductor (TI) LM3488MM Datasheet HTML 22Page - National Semiconductor (TI) LM3488MM Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Typical Applications (Continued)
where D
MAX is the maximum duty cycle.
The turn-on and turn-off transitions of a MOSFET require
times of tens of nano-seconds. C
RSS and Qg are needed to
estimate the large instantaneous power loss that occurs
during these transitions.
The amount of gate current required to turn the MOSFET on
can be calculated using the formula:
I
G =Qg.FS
The required gate drive power to turn the MOSFET on is
equal to the switching frequency times the energy required
to deliver the charge to bring the gate charge voltage to V
DR
(see electrical characteristics and typical performance char-
acteristics for the drive voltage specification).
P
Drive =FS.Qg.VDR
INPUT CAPACITOR SELECTION
Due to the presence of an inductor at the input of a boost
converter, the input current waveform is continuous and
triangular, as shown in Figure 11. The inductor ensures that
the input capacitor sees fairly low ripple currents. However,
as the input capacitor gets smaller, the input ripple goes up.
The rms current in the input capacitor is given by:
The input capacitor should be capable of handling the rms
current. Although the input capacitor is not as critical in a
boost application, low values can cause impedance interac-
tions. Therefore a good quality capacitor should be chosen
in the range of 100µF to 200µF. If a value lower than 100µF
is used, then problems with impedance interactions or
switching noise can affect the LM3478. To improve perfor-
mance, especially with V
IN below 8 volts, it is recommended
to use a 20
Ω resistor at the input to provide a RC filter. The
resistor is placed in series with the V
IN pin with only a bypass
capacitor attached to the V
IN pin directly (see Figure 13). A
0.1µF or 1µF ceramic capacitor is necessary in this configu-
ration. The bulk input capacitor and inductor will connect on
the other side of the resistor with the input power supply.
OUTPUT CAPACITOR SELECTION
The output capacitor in a boost converter provides all the
output current when the inductor is charging. As a result it
sees very large ripple currents. The output capacitor should
be capable of handling the maximum rms current. The rms
current in the output capacitor is:
Where
and D, the duty cycle is equal to (V
OUT −VIN)/VOUT.
The ESR and ESL of the output capacitor directly control the
output ripple. Use capacitors with low ESR and ESL at the
output for high efficiency and low ripple voltage. Surface
Mount tantalums, surface mount polymer electrolytic and
polymer tantalum, Sanyo- OSCON, or multi-layer ceramic
capacitors are recommended at the output.
Designing SEPIC Using LM3488
Since the LM3488 controls a low-side N-Channel MOSFET,
it can also be used in SEPIC (Single Ended Primary Induc-
tance Converter) applications. An example of SEPIC using
LM3488 is shown in Figure 14. As shown in Figure 14, the
output voltage can be higher or lower than the input voltage.
The SEPIC uses two inductors to step-up or step-down the
input voltage. The inductors L1 and L2 can be two discrete
inductors or two windings of a coupled transformer since
equal voltages are applied across the inductor throughout
the switching cycle. Using two discrete inductors allows use
of catalog magnetics, as opposed to a custom transformer.
The input ripple can be reduced along with size by using the
coupled windings of transformer for L1 and L2.
Due to the presence of the inductor L1 at the input, the
SEPIC inherits all the benefits of a boost converter. One
main advantage of SEPIC over boost converter is the inher-
ent input to output isolation. The capacitor CS isolates the
input from the output and provides protection against
shorted or malfunctioning load. Hence, the A SEPIC is useful
for replacing boost circuits when true shutdown is required.
This means that the output voltage falls to 0V when the
switch is turned off. In a boost converter, the output can only
fall to the input voltage minus a diode drop.
10138893
FIGURE 13. Reducing IC Input Noise
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com