Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3490 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3490
Description  100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3490 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3490 Datasheet HTML 1Page - National Semiconductor (TI) LM3490 Datasheet HTML 2Page - National Semiconductor (TI) LM3490 Datasheet HTML 3Page - National Semiconductor (TI) LM3490 Datasheet HTML 4Page - National Semiconductor (TI) LM3490 Datasheet HTML 5Page - National Semiconductor (TI) LM3490 Datasheet HTML 6Page - National Semiconductor (TI) LM3490 Datasheet HTML 7Page - National Semiconductor (TI) LM3490 Datasheet HTML 8Page - National Semiconductor (TI) LM3490 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM3490
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage
Regulator with Logic-Controlled ON/OFF
General Description
The LM3490 is an integrated linear voltage regulator. It fea-
tures operation from an input as high as 30V and a guaran-
teed maximum dropout of 1.2V at the full 100 mA load. Stan-
dard packaging for the LM3490 is the 5-lead SOT-23
package. A logic-controlled ON/OFF feature makes the
LM3490 ideal for powering subsystems ON and OFF as
needed.
The 5, 12, and 15V members of the LM3490 series are in-
tended as tiny alternatives to industry standard LM78LXX
series and similar devices. The 1.2V quasi low dropout of
LM3490 series devices makes them a nice fit in many appli-
cations where the 2 to 2.5V dropout of LM78LXX series de-
vices precludes their (LM78LXX series devices) use.
The LM3490 series features a 3.3V member. The SOT pack-
aging and quasi low dropout features of the LM3490 series
converge in this device to provide a very nice, very tiny 3.3V,
100 mA bias supply that regulates directly off the system
5V±5% power supply.
Key Specifications
n 30V maximum input for operation
n 1.2V guaranteed maximum dropout over full load and
temperature ranges
n 100 mA guaranteed load current
n ±5% guaranteed output voltage tolerance over full load
and temperature ranges
n −40 to +125˚C junction temperature range for operation
Features
n 3.3, 5, 12, and 15V versions available
n Logic-controlled ON/OFF
n Packaged in the tiny 5-lead SOT-23 package
Applications
n Tiny alternative to LM78LXX series and similar devices
n Tiny 5V±5% to 3.3V, 100 mA converter
n Post regulator for switching DC/DC converter
n Bias supply for analog circuits
Typical Application Circuit
Connection Diagram
DS100071-2
DS100071-1
Top View
SOT-23 Package
5-Lead, Molded-Plastic Small-Outline Transistor (SOT) Package
Package Code MA05B(Note 1)
June 1999
© 1999 National Semiconductor Corporation
DS100071
www.national.com


Similar Part No. - LM3490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
310Kb / 12P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490 TI-LM3490 Datasheet
1,007Kb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
LM34902 TI1-LM34902 Datasheet
306Kb / 9P
300mA Current Limited Power Switch
LM34902 TI1-LM34902 Datasheet
886Kb / 11P
300mA Current Limited Power Switch
LM34902 TI2-LM34902 Datasheet
438Kb / 11P
300mA Current Limited Power Switch
REVISED APRIL 2013
More results

Similar Description - LM3490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Calogic, LLC
CLM2805 CALOGIC-CLM2805 Datasheet
35Kb / 3P
Micropower SOT-23, 120mA Low-Dropout Voltage Regulator ON/OFF Switch
logo
NXP Semiconductors
SA57031-XX PHILIPS-SA57031-XX Datasheet
161Kb / 13P
Micropower 150 mA, low-noise, low dropout linear regulator with on/off
2003 Jun 23
logo
National Semiconductor ...
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com