Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1803G-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L1803G-SH2-R
Description  Programmable soft-start provides linear voltage startup
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1803G-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L1803G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 5Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L1803
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R102-058.c
TYPICAL APPLICATION CIRCUIT
IN
EN
VCC
PG
OUT
SS
FB
GND
R3
VIN
C1
VVCC
C3
VOUT
R1
C2
R2
CSS
UTC
L1803
Table 1. Capacitor Values for Programming the Soft-Start Time (Note)
CSS
SOFT-START TIME
Open
0.1ms
270pF
0.5ms
560pF
1ms
2.7nF
5ms
5.6nF
10ms
Note: tSS (s) = 0.8 x CSS (F) / (4.4x10
-7)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com