Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1803G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1803G-SH2-R
Description  Programmable soft-start provides linear voltage startup
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1803G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1803G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 5Page - Unisonic Technologies L1803G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1803
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-058.c
1.5A ULTRA LOW DROPOUT
LINEAR REGULATOR WITH
PROGRAMMABLE
SOFT-START
DESCRIPTION
The UTC L1803 is a typical LDO that features a
user-programmable soft-start, very low dropout voltage as low as
0.15V at output current 1.5A, an enable input and a power-good
output.
The soft-start reduces inrush current of the load capacitors and
minimizes stress on the input power source during start-up. An
enable pin to further reduce power dissipation while shutdown. And
power-good output indicates the output voltage status.
The UTC L1803 is stable with any type of output capacitor of
2.2µF or more. A precision reference and feedback control deliver
2% accuracy over load, line, and operating temperature ranges.
FEATURES
* Low VIN and wide VIN range: 1.0V~5.5V
* Bias voltage (VVCC) range: 2.7V~5.5V
* Low VOUT range: 0.8V~3.3V
* 150mV dropout @1.5A, VVCC=5V
* 2% output Voltage
* Power-Good (PG) output
* Programmable soft-start provides linear voltage startup
* Stable with any output capacitor≥2.2µF
ORDERING INFORMATION
Ordering Number
Package
Packing
L1803G-SH2-R
HSOP-8
Tape Reel
L1803G-K10-3030-R
DFN-10(3×3)
Tape Reel
L1803G-SH2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SH2: HSOP-8, K10-3030: DFN-10(3×3)
(3) G: Halogen Free and Lead Free
(3)Green Package


Similar Part No. - L1803G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1803G-SH2-R UTC-L1803G-SH2-R Datasheet
238Kb / 6P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - L1803G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
1.5A LDO Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Unisonic Technologies
LC1111G-AG6-R UTC-LC1111G-AG6-R Datasheet
201Kb / 7P
Programmable soft-start
logo
Union Semiconductor, In...
UM5482S8 UNIONSEMI-UM5482S8 Datasheet
227Kb / 6P
Programmable Soft-Start
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com