Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8102G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LB8102G-S08-R
Description  Position and option witch commend
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB8102G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LB8102G-S08-R Datasheet HTML 1Page - Unisonic Technologies LB8102G-S08-R Datasheet HTML 2Page - Unisonic Technologies LB8102G-S08-R Datasheet HTML 3Page - Unisonic Technologies LB8102G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB8102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R123-019.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.6~7
V
Supply Current
ICC
100
mA
Driving Current
Iomax
5
mA
Power Dissipation (TAMB=25°C)
PD
300
mW
Operating Temperature
TOPR
-40 ~ +70
°C
Storage Temperature
TSTG
-50 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
DD=5V, TAMB=25°C, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
3.9
5
5.5
V
Operating Current
IDD
VDD=5V±10%, VSS=0V,T=0 ~ 70°C No
Load
100
150
300
uA
Output Leakage Current
ILEAKAGE
VDD=5V±10%, VSS=0V,T=0 ~ 70°C
10
uA
Port 1/2/3/4 Output Voltage
High
VSW_HIGH
Port 1/2/3/4= -50uA
VDD-1.0 VDD-0.7
VDD
V
Port 1/2/3/4 Output Voltage
Low
VSW_LOW
Port 1/2/3/4=5mA
0
0.3
0.5
V
Osc Frequency
fO
With Rosc=36K, Cosc=47p
350
KHz
DISEQC CONTROL SIGNAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
22 KHz Tone
fTONE
17.6
22
26.4
KHz
22 KHz Duty Cycle
DTONE
Over 0.7Vpp
40
50
60
%
PWK Baseband Timing
TPWK
One-third bit timing for PWK (pulse width
keying)
400
500
600
us
DRX Signal Input Threshold
VDRXTH
VDD=5V±10%, VSS=0V,T=-40 ~ 70°C
0.35
0.45
0.55
VDD
Noise Immunity
VN
DC-1MHz noise present at DRX pin
0.5
VPP
Switch Time
TSW
Switch from end of DiSEqC satellite
message (including parity) to when output
is stable.
5
ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com