Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8102G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LB8102G-S08-R
Description  Position and option witch commend
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB8102G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LB8102G-S08-R Datasheet HTML 1Page - Unisonic Technologies LB8102G-S08-R Datasheet HTML 2Page - Unisonic Technologies LB8102G-S08-R Datasheet HTML 3Page - Unisonic Technologies LB8102G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LB8102
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R123-019.a
DISEqC SWITCH IC
DESCRIPTION
The integrated circuit UTC LB8102 DiSEqC switch IC is
specially designed for satellite multi-switch It receives and decodes
DiSEqC command, Tone Burst and output control for signal switch.
The UTC LB8102 DiSEqC switch IC provides four-switch
control. A 22KHz DiSEqC control signal input to UTC LB8102
DiSEqC IC can select one of four switches. This feature is used as
Satellite Position/Option Switch Control usually in LNB application.
The built in decode process is fully compatible with DiSEqC
protocol about committed switch.
FEATURES
* Single supply voltage 3.9V~5V.
* Support DiSEqC 1.0/ 1.1 and Tone Burst commend
* Selectable 4x1 and 2x1 application.
* Drives up to four switches.
* Position and option witch commend.
* SOP8 surface mount package
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
LB8102G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - LB8102G-S08-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8106 SANYO-LB8106 Datasheet
215Kb / 10P
Actuator Driver for Portable CD Players
logo
Pepperl+Fuchs Inc.
LB8106H0630 PF-LB8106H0630 Datasheet
603Kb / 4P
EasyCom Com Unit for PROFIBUS DP/DP-V1
2020-04-30
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
Actuator Driver for Portable CD Players
logo
Pepperl+Fuchs Inc.
LB8107H0706 PF-LB8107H0706 Datasheet
582Kb / 4P
Com Unit for MODBUS RTU
2020-04-30
logo
Sanyo Semicon Device
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
Portable CD Player Actuator Driver
More results

Similar Description - LB8102G-S08-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
TE Connectivity Ltd
CAT-ATS0013 TEC-CAT-ATS0013 Datasheet
102Kb / 1P
CLUTCH POSITION SENSOR OPTION 1
CAT-ATS0014 TEC-CAT-ATS0014 Datasheet
90Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 2
CAT-ATS0015 TEC-CAT-ATS0015 Datasheet
91Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 3
CAT-ATS0016 TEC-CAT-ATS0016 Datasheet
106Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 4
CAT-ATS0017 TEC-CAT-ATS0017 Datasheet
94Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 5
CAT-ATS0018 TEC-CAT-ATS0018 Datasheet
100Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 5
CAT-ATS0019 TEC-CAT-ATS0019 Datasheet
95Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 1
CAT-ATS0020 TEC-CAT-ATS0020 Datasheet
96Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 2
CAT-ATS0021 TEC-CAT-ATS0021 Datasheet
105Kb / 1P
CLUTCH POSITION SENSOR ??OPTION 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com