Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APPNOTESMP9100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APPNOTESMP9100
Description  Understanding the Power Rating of Caddock MP9100 Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APPNOTESMP9100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APPNOTESMP9100 Datasheet HTML 1Page - List of Unclassifed Manufacturers APPNOTESMP9100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAD
K
DOC
Calculation Examples
Using Equation 1 and data from Table 1, the allow-
able power can be determined for given ambient con-
ditions. Assuming a maximum ambient air tempera-
ture of 50
°C with the part mounted using thermal
grease on an aluminum chassis, the allowable power
can be calculated from Equation 1 as follows:
P
D =
P
D =
P
D =
P
D =
31.25 watts
The same part, mounted on a water cooled heat sink
providing a constant 50
°C reference temperature, will
dissipate more than twice this amount of power.
P
D =
P
D =
62.5 watts
Surge and Pulse Ratings
Surge or pulse voltages can be a factor in design reli-
ability. The following guidelines should be followed.
1. Do not exceed 750 volts peak.
2. Use the following guidelines for maximum pulse en-
ergy of a single pulse.
Pulse Width
Energy (1 J = 1 Watt second)
10
µsec
0.07 J
100
µsec
0.25 J
1 msec
0.90 J
10 msec
3.5 J
100 msec
15 J
3. Accumulated pulse energy delivered in each sec-
ond should not exceed allowable average power. De-
rate the pulse energy using the Derating Curve (Fig-
ure 1) based on estimated case temperature.
4. Above 100 msec to 5 seconds, the overload rating
is 1.5 times the allowable power of the resistor in the
application.
© Caddock Electronics, 2002
Table 1 Typical Thermal Resistance of Various
Materials Used for High-Power Designs with
Caddock MP9100 Resistors
Applications Engineering Note: AEN-0102
Page 2 of 2 - Rev. A
A copy of this Application Note can be obtained at www.caddock.com
Resistor Type
R
(
°C/W)
Caddock MP9100 (junction to case)
Interface Material (thickness)
R
(
°C/W)
Solder (0.010”)
Epoxy (0.010”)
Filled Epoxy (0.010”)
Thermal Grease (0.003”)
Q-Pad II (0.006” )
SIL-PAD 400 (0.007”)
SIL-PAD 2000 (0.015”)
Thermal Clad ® dielectric (0.003”)
FR-4 / G-10 printed-circuit
board (0.063”)
Aluminum (0.063”)
Copper (0.063”)
Steel (0.063”)
96% Alumina (0.030”)
Aluminum Nitride (0.030”)
Beryllia (0.030”)
Typical Mounting Surfaces
to Ambient Air
R
(
°C/W)
7" X 5" X 2" 0.040"
Aluminum chassis
Small Finned Sheet Aluminum
heat sink (convection)
Small Finned Sheet Aluminum
heat sink (200 LFM Airflow)
4.5" X 3" X 3" Mult-Finned
Extruded Aluminum (convection)
4.5" X 3" X 3" Mult-Finned
Extruded Aluminum (200 LFM)
1.5
0.1
10
2.5
0.5 to 2
0.9
3.1
1.7
0.4
20 to 65
0.1
0.06
0.5
0.36
0.1
0.05
2
20
10
1.5
0.8
ØJC
ØCS
ØSA
(R
ØJC + RØCS + RØSA)
T
J - TA
(1.5
°C/W + 0.5°C/W + 2°C/W)
175
°C - 50°C
4
°C/W
125
°C
(1.5
°C/W + 0.5°C/W)
175
°C - 50°C
Mounting Configurations
Mounting pressure, surface cleanliness, surface flat-
ness and surface finish are just a few of the variables
which can have considerable effect on temperature
rise and power dissipation. Caddock recommends an
ideal spring mounting force of 4 to 15 pounds, or a
typical mounting screw torque of 6 to 8 in - lbs which
should provide 150 to 300 pounds of force. If a screw
is used, Caddock recommends the use of a good ther-
mal grease in conjunction with a #6 Belleville washer
compressed to 50% of its normal height. These wash-
ers (p/n 04CSB52200F004) are available from Ari-
zona Hydrogen, phone number 602-275-4126.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com