Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APPNOTESMP9100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APPNOTESMP9100
Description  Understanding the Power Rating of Caddock MP9100 Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APPNOTESMP9100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APPNOTESMP9100 Datasheet HTML 1Page - List of Unclassifed Manufacturers APPNOTESMP9100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
Heat Sink Temperature
R
Thermal Resistance - Heat Sink to
Ambient Air or Reference Temperature
T
Ambient or Reference Temperature
P
D
T Resistor Film Temperature (Max. 175
°C)
R
Thermal Resistance - Resistor Film
to Exposed Ceramic Case Interface
T
Case Temperature (Exposed Ceramic Surface)
R
Thermal Resistance - Case to Heat Sink
Surface (Pad or Thermal Grease)
Detail of
Cross Section
Center Line through Center
of Ceramic Element
Mounting Screw
Belleville Washer
Thermal Grease
or Pad
J
ØJC
C
ØCS
S
ØSA
A
Heat Sink
(mounting surface)
CAD
K
DOC
Applications Engineering Note: AEN-0102
Understanding the Power Rating
of Caddock MP9100 Resistors
Understanding the Power Rating
The maximum power rating of the Caddock MP9100
(TO-247 type) resistor is specified with the ceramic
surface maintained at 25
°C using the same method
established and proven by power semiconductor
manufacturers over many years.
Caddock’s careful design practices and thorough re-
liability testing assure the user that the part will per-
form to all published specifications as long as its case
temperature (T
C) does not exceed that specified in
Figure 1. Surge ratings must be observed.
In high power applications, the actual power dissipa-
tion capability of the resistor will be greatly depen-
dent on the heat sink, mounting method, interface ma-
terial characteristics and ambient temperature, (T
A). The
maximum continuous power rating (100 Watts) for the
Caddock MP9100 resistor is based on a case tem-
perature (T
C) of 25°C measured at the center of the
exposed ceramic surface. The Caddock MP9100 re-
sistor has a thermal resistance of 1.5
°C/watt (R
ØJC),
from the junction (resistor film) to the case (exposed
ceramic case interface). For a case temperature (T
C)
above 25
°C, derating is necessary.
Allowable power dissipation (P
D, watts) may be deter-
mined by the following equation.
Equation 1
P
D =
Using the information provided in Fig 2, allowable
power dissipation and temperature gradients can be
estimated. Typical thermal resistance of various ma-
terials can be found in Table 1 on the next page. It
should be noted that material characteristics are those
provided by the manufacturers and these can vary
greatly if careful manufacturing processes are not ob-
served. Caddock suggests that actual temperature
measurements should be made under worst case con-
ditions to assure maximum reliability of a design.
CAD
K
DOC
© Caddock Electronics, 2002
Figure 2 MP9100 with Mounting Screw
and Belleville Washer
Figure 1
A copy of this Application Note can be obtained at www.caddock.com
(R
ØJC + RØCS + RØSA)
T
J - TA
100 %
80 %
60 %
40 %
20 %
0
25
100
175
Case Temperature (T ,
°C)
g
C
MP9100 Derating Curve
Release Date: 9/20/02, Rev. A, Rev. Date: 9/20/02
Page 1 of 2


Similar Part No. - APPNOTESMP9100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
APP-EPB-PCIE MOLEX11-APP-EPB-PCIE Datasheet
562Kb / 3P
applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI Express
APP-EPB-PCU-C MOLEX11-APP-EPB-PCU-C Datasheet
896Kb / 3P
applicom PCU2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI 3.3/ 5V bus, RoHS compliant
APP-ESR-PCIE MOLEX11-APP-ESR-PCIE Datasheet
562Kb / 3P
applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card, PCI Express 1x bus
APP-ESR-PCU-C MOLEX11-APP-ESR-PCU-C Datasheet
896Kb / 3P
applicom짰 PCU2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card
APP-ETH-PCIE MOLEX11-APP-ETH-PCIE Datasheet
562Kb / 3P
applicom PCIE2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI Express 1x bus, RoHS compliant
More results

Similar Description - APPNOTESMP9100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT542 ETC1-LT542 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Vishay Siliconix
AN605 VISHAY-AN605 Datasheet
101Kb / 4P
Power MOSFET Basics: Understanding MOSFET Characteristics Associated With The Figure of Merit
08-Sep-03
logo
IXYS Corporation
AN-140 IXYS-AN-140 Datasheet
278Kb / 10P
Understanding LITELINK??II
AN-155 IXYS-AN-155 Datasheet
133Kb / 3P
Understanding LITELINK?
logo
Fairchild Semiconductor
AN-7500 FAIRCHILD-AN-7500 Datasheet
113Kb / 5P
Understanding Power MOSFETs
logo
Xilinx, Inc
WP433 XILINX-WP433 Datasheet
302Kb / 8P
Understanding and Mitigating
logo
Laird Tech Smart Techno...
YF450112 LSTD-YF450112 Datasheet
689Kb / 2P
The antenna has an ingress protection rating of IP67
logo
Texas Instruments
SLVA061 TI1-SLVA061 Datasheet
149Kb / 32P
Understanding Boost Power Stages in Switchmode Power Supplies
logo
Maxim Integrated Produc...
DS28C40EVKIT MAXIM-DS28C40EVKIT Datasheet
5Mb / 13P
Logs 1-Wire/I2C Communication to Aid Firmware Designers Understanding of DS28C40
Rev 3; 3/21
logo
ON Semiconductor
AND9007 ONSEMI-AND9007 Datasheet
255Kb / 4P
Understanding TLP Datasheet Parameters
May, 2011 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com