Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV3011G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LMV3011G-AG6-R
Description  Voltage reference initial accuracy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV3011G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LMV3011G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LMV3011
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R104-008.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
+7
V
Signal Input Terminals, Voltage (Note 1)
–0.5~(V+)+0.5
V
Signal Input Terminals, Current (Note 1)
±10
mA
Output Short-Circuit (Note 2)
Continuous
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+125
°C
Storage Temperature
TSTG
-55~+150
°C
Lead Temperature (soldering, 10s)
TL
+300
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V
beyond the supply rails should be current limited to 10mA or less.
3. Short-circuit to ground
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
230
°C/W
ELECTRICAL CHARACTERISTICS (VS=+1.8V~+5.5V)
Boldface limits apply over the specified temperature range, TA=-40°C~+125°C. At TA=+25°C, VOUT=VS, unless
otherwise noted; RPULL-UP=10kΩ connected to VS.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM=0V, IO=0A
0.5
12
mV
vs Temperature
dVOS/dT
TA=-40°C~ +125°C
±12
µV/°C
vs Power Supply
PSRR
VS=1.8V~5.5V
100
1000
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM=VS/2
±1
±10
pA
Input Offset Current
IOS
VCM=VS/2
±1
±10
pA
NPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V-) -0.2V
(V+)+0.2V
V
Common-Mode Rejection Ratio
CMRR
VCM=-0.2V~ (V+)-1.5V
60
74
dB
VCM=-0.2V~ (V+)+0.2V
54
62
dB
INPUT IMPEDANCE
Common-Mode
10
13ǁ2
ΩǁpF
Differential
10
13ǁ4
ΩǁpF
SWITCHING CHARACTERISTICS (f=10kHz, VSTEP=1V)
Propagation Delay Time,
Low-to-High
t(PLH)
Input Overdrive=10mV
12
µs
Input Overdrive=100mV
6
µs
Propagation Delay Time,
High-to-Low
t(PHL)
Input Overdrive=10mV
13.5
µs
Input Overdrive=100mV
6.5
µs
Rise Time
tR
See Note 1
Fall Time
tF
CL=10pF
100
ns
OUTPUT (VS=5V)
Voltage Output Low from Rail
VOL
IOUT=-5mA
150
200
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com