Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV3011G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LMV3011G-AG6-R
Description  Voltage reference initial accuracy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV3011G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LMV3011G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LMV3011G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LMV3011
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R104-008.a
NANOPOWER, 1.8V,
COMPARATOR WITH
VOLTAGE REFERENCE
DESCRIPTION
The UTC LMV3011 is a low-power, open-drain logic
compatible output comparator and can provide an independent
on-chip voltage reference. The UTC LMV3011 has 5µA (max)
quiescent current, and input common-mode range 200mV beyond
the supply rails. Single-supply operation can range from 1.8V to
5.5V. The integrated 1.242V series voltage reference with low
100ppm/°C (max) drift is stable with up to 10nF capacitive load,
and the output current can be up to 0.5mA (Typ).
The UTC LMV3011 is also available in the tiny SOT-26
package for space-conservative designs. The device is specified
for the temperature range of -40°C~+125°C.
FEATURES
* Low quiescent current: 5µA (max)
* Stable on-chip voltage reference: 1.242V
* Voltage reference initial accuracy: ±1%
* Reference output current: 0.5mA (Typ)
* Input common-mode range: 200mV beyond rails
* The lower supply voltage: 1.8V ~ 5.5V
* fast response time: 6µs propagation delay
with 100mV overdrive (RPULL-UP=10kΩ)
SOT-26
1
2
3
4
5
6
ORDERING INFORMATION
Ordering Number
Package
Packing
LMV3011G-AG6-R
SOT-26
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - LMV3011G-AG6-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
189Kb / 12P
Low Bias Current, 1.8V to 5V Single-Supply, Rail-to-Rail Operational Amplifier
March, 2009 ??Rev. 1
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Unisonic Technologies
LMV3012G-AG6-R UTC-LMV3012G-AG6-R Datasheet
159Kb / 6P
Reference output current
More results

Similar Description - LMV3011G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3512 AD-ADR3512 Datasheet
807Kb / 16P
Micropower, High Accuracy Voltage Reference
Rev. E
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
Output voltage accuracy
Rev. 0
logo
Silicon Supplies
LM4040A-2.5 SS-LM4040A-2.5 Datasheet
441Kb / 4P
Voltage Reference
LM4040A-4.1 SS-LM4040A-4.1_V01 Datasheet
332Kb / 4P
Voltage Reference
Rev 1.2 02/11/21
logo
Schneider Electric
IAP10S SCHNEIDER-IAP10S Datasheet
121Kb / 2P
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
IDP10S SCHNEIDER-IDP10S Datasheet
131Kb / 2P
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 25, 2022
IGP10S SCHNEIDER-IGP10S Datasheet
121Kb / 2P
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
logo
Silicon Supplies
LM4040C-1.2 SS-LM4040C-1.2 Datasheet
594Kb / 4P
Voltage Reference
Rev 1.1 28/07/22
LM4040C-2.5 SS-LM4040C-2.5 Datasheet
595Kb / 4P
Voltage Reference
Rev 1.1 29/07/22
LM4040C-10 SS-LM4040C-10 Datasheet
421Kb / 4P
Voltage Reference
Rev 1.0 26/10/23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com