Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV3012G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LMV3012G-AG6-R
Description  Reference output current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV3012G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LMV3012G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LMV3012
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R104-009.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
Voltage Reference
VOUT
VIN=5V
1.230
1.242
1.254
V
Initial Accuracy
±1
%
Temperature Drift
dVOUT/dT -40°C≤TA≤125°C
40
100
ppm/°C
Load Regulation
Sourcing
dVOUT/dILOAD
0mA< ISOURCE ≤0.5mA
0.36
1
mV/mA
Sinking
0mA< ISINK ≤ 0.5mA
6.6
mV/mA
Output Current
ILOAD
0.5
mA
Line Regulation
dVOUT/dVIN 1.8V≤VIN≤5.5V
10
100
µV/V
NOISE
Reference Voltage Noise
f=0.1Hz~10Hz
0.2
mVPP
POWER SUPPLY
Specified Voltage
VS
1.8
5.5
V
Operating Voltage Range
1.8
5.5
V
Quiescent Current
IQ
VS=5V, VO=High
2.8
5
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com