Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV3012G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LMV3012G-AG6-R
Description  Reference output current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV3012G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LMV3012G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LMV3012G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LMV3012
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R104-009.a
NANOPOWER, 1.8V,
COMPARATOR WITH
VOLTAGE REFERENCE
DESCRIPTION
The UTC LMV3012 is a push-pull output comparator and can
provide an independent on-chip voltage reference. The UTC
LMV3012
has 5µA (max) quiescent current, input common-mode
range 200mV beyond the supply rails. Single-supply operation
can range from 1.8V to 5.5V. The integrated 1.242V series
voltage reference with low 100ppm/°C (max) drift, is stable with
up to 10nF capacitive load, and the output current can be up to
0.5mA (Typ).
The UTC LMV3012 is also available in the tiny SC59-6
package for space-conservative designs. The device is specified
for the temperature range of -40°C~+125°C.
FEATURES
* Low quiescent current: 5µA (max)
* Stable on-chip voltage reference: 1.242V
* Voltage reference initial accuracy: ±1%
* Reference output current: 0.5mA (Typ)
* Input common-mode range: 200mV beyond rails
* Push-pull output
* The lower supply voltage: 1.8V ~ 5.5V
* Fast response time:6µs propagation delay
with 100mV overdrive
SOT-26
1
2
3
4
5
6
ORDERING INFORMATION
Ordering Number
Package
Packing
LMV3012G-AG6-R
SOT-26
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - LMV3012G-AG6-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV301 NSC-LMV301 Datasheet
624Kb / 19P
Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
189Kb / 12P
Low Bias Current, 1.8V to 5V Single-Supply, Rail-to-Rail Operational Amplifier
March, 2009 ??Rev. 1
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Unisonic Technologies
LMV3011G-AG6-R UTC-LMV3011G-AG6-R Datasheet
152Kb / 5P
Voltage reference initial accuracy
More results

Similar Description - LMV3012G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
June 8, 2011
logo
Advanced Monolithic Sys...
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
2A Output Current
logo
International Rectifier
IR3535 IRF-IR3535_15 Datasheet
374Kb / 17P
Single reference based current reporting output
logo
Integrated Device Techn...
5P49V5908 IDT-5P49V5908 Datasheet
516Kb / 30P
One reference LVCMOS output clock
logo
MicroPower Direct, LLC
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
Constant Current Output
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Maxim Integrated Produc...
MAXREFDES24 MAXIM-MAXREFDES24 Datasheet
426Kb / 11P
4-Channel Analog Output - Reference Schematic
APP 5839: May 06, 2014
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com