Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1143G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1143G-XX-AF5-R
Description  High power supply rejection ratio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1143G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1143G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1143G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1143G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1143G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1143
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-056.E
HIGH PSRR, LOW DROPOUT,
400mA ADJUSTABLE LDO
REGULATOR
DESCRIPTION
The UTC LR1143 is a CMOS-based 400mA voltage regulator
with low supply current, low dropout, adjustable output voltage,
The device offering high PSRR and low dropout. The quiescent
current is as low as 35μA, further prolonging the battery life. The
UTC LR1143 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in handheld wireless devices.
The UTC LR1143 consumes typical 0.7μA in shutdown mode.
The other features include low dropout voltage, high output
accuracy, current limit protection, and enable/shutdown control.
FEATURES
* Wide operating voltage range : 3.0V~5.5V
* Adjustable output voltage
* Enable/shutdown control
* Low-noise for RF application
* Ultra-Fast response in line/load transient
* Current limit protection
* Output only 1μF capacitor required for stability
* High power supply rejection ratio
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1143G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR1143G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AE5-A-R UTC-LR1142G-AD-AE5-A-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AE5-B-R UTC-LR1142G-AD-AE5-B-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AF5-A-R UTC-LR1142G-AD-AF5-A-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
LR1142G-AD-AF5-B-R UTC-LR1142G-AD-AF5-B-R Datasheet
185Kb / 4P
HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
More results

Similar Description - LR1143G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
HIGH RIPPLE-REJECTION
logo
Silicon Laboratories
AN491 SILABS-AN491 Datasheet
1Mb / 8P
POWER SUPPLY REJECTION FOR LOW-JITTER CLOCKS
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
Excellent common-mode rejection ratio (CMRR)
logo
CTS Corporation
CER0001A CTS-CER0001A Datasheet
68Kb / 2P
Excellent High Side Rejection
CER0023A CTS-CER0023A Datasheet
82Kb / 2P
High Rejection
CER0032A CTS-CER0032A Datasheet
84Kb / 2P
High Rejection
logo
Analog Devices
EVAL-ADP7159 AD-EVAL-ADP7159 Datasheet
288Kb / 9P
Power supply rejection ratio
Rev. 0
logo
Shenzhen Huazhimei Semi...
HM6204BXX2 HMSEMI-HM6204BXX2 Datasheet
453Kb / 8P
High power rejection ratio, low noise 300mA LDO
HM6219 HMSEMI-HM6219 Datasheet
1Mb / 8P
300mA high power supply rejection ratio low dropout linear regulator IC
logo
Toshiba Semiconductor
TCR15AG TOSHIBA-TCR15AG Datasheet
404Kb / 13P
1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com