Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1112G-XX-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1112G-XX-AE5-R
Description  Current limit protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1112G-XX-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1112G-XX-AE5-R Datasheet HTML 1Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 2Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 3Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 4Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 5Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR1112
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-057.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7
V
EN Voltage
VIN+0.3
V
Continuous Load Current
Internal Limited
Power Dissipation (Note 1)
PD
640
mW
Operating Junction Temperature Range
TOPR
-40~125
°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2.5
6
V
Output Current (Note 2)
IOUT
0
150
mA
Operating Ambient Temperature
TA
-40
85
°C
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
260
°C/W
Note: θJA is measured in the natural convection at TA=25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com