Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1112G-XX-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1112G-XX-AE5-R
Description  Current limit protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1112G-XX-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1112G-XX-AE5-R Datasheet HTML 1Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 2Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 3Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 4Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 5Page - Unisonic Technologies LR1112G-XX-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1112
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-057.b
150mA, LOW QUIESCENT
CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR1112 is a CMOS-based 150mA voltage regulator
with low supply current, low dropout, adjustable and fixed output
voltage, The device consists of pass element, error amplifier,
band-gap, current limit and thermal shutdown circuitry. The
device is turned on when EN pin is set to logic high level.
FEATURES
* 150mA low dropout regulator with EN
* Very low IQ over full load: 30µA
* Wide input voltage range: 2.5~6V
* Wide adjustable output: 0.8V~5.0V
* Fixed output options: 1.0V~3.3V
* Fast start-up time: 80µs
* PSRR: 65dB at 100Hz
* Stable with low ESR, 1µF ceramic output capacitor
* Low dropout: 150mV typical at 150mA
* Excellent Load/Line Transient Response
* Current limit protection
* Ambient temperature range: -40ºC~85°C
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1112G-xx-AE5-R
SOT-23-5
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
LR1112G-xx-AE5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel
(2) AE5: SOT-23-5
(3) xx: refer to Marking Information
(4) G: Halogen Free and Lead Free
(4)Green Package


Similar Part No. - LR1112G-XX-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1112G-AD-AE5-R UTC-LR1112G-AD-AE5-R Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
LR1112G-AD-AF5-R UTC-LR1112G-AD-AF5-R Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR1112G-XX-AE5-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
Current Limit Protection
AD4C311-L SSOUSA-AD4C311-L Datasheet
220Kb / 5P
Current limit protection
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
Output current limit and short circuit protection
logo
Advanced Monolithic Sys...
AMS3109 ADMOS-AMS3109 Datasheet
584Kb / 10P
Current Limit protection
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
Current Limit protection
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
Current Limit protection
logo
Maxim Integrated Produc...
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
Evaluates Current-Limit Protection
Rev 0; 9/13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com