Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6045008 Datasheet(PDF) 2 Page - SICK AG

Part # 6045008
Description  PRESSURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6045008 Datasheet(HTML) 2 Page - SICK AG

  6045008 Datasheet HTML 1Page - SICK AG 6045008 Datasheet HTML 2Page - SICK AG 6045008 Datasheet HTML 3Page - SICK AG 6045008 Datasheet HTML 4Page - SICK AG 6045008 Datasheet HTML 5Page - SICK AG 6045008 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PBT-CB1X6SGTSSNALA0Z | PBT
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
PBT-CB1X6SGTSSNALA0Z
6045008
Other models and accessories
www.sick.com/PBT
Detailed technical data
Features
Medium
Liquid, gaseous
Pressure type
Compound pressure
Measuring range
–1 bar ... 0.6 bar
Process temperature
0 °C ... +80 °C
Output signal
4 mA ... 20 mA
Performance
Non-linearity
≤ ± 0.5 %, (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 1 % of the span (with non-linearity 0.25 %)
≤ ± 0,6 % of Span (with non-linearity 0.25 % and with signal output 0 ... 5 V)
≤ ± 1,0 % of Span (with non-linearity 0.5 %)
Including non-linearity, hysteresis, zero point and full scale error (corresponds to error of mea-
surement as per IEC 61298-2)
Adjustment accuracy of zero signal
≤ 0.5 % of span typ., ≤ 0.8 % of span max. (with non-linerarity 0.5 %)
Hysteresis
≤ 0.16 % of the span
Non-repeatability
≤ 0.1 % of the span
Response time
< 4 ms
Signal noise
≤ 0.3 % of the span
Long-term drift/one-year stability
≤ 0.1 % of span to IEC 61298-2
Rated temperature range
0 °C ... +80 °C
Service life
Minimum 100 Mio. life cycles
Mechanics/electronics
Process connection
G ½ A according to DIN 3852-E
Wetted parts
Pressure Connection: stainless steel 316L
Pressure sensor: stainless steel 316L (for measurement ranges from 0 bar ... 10 bar rel stain-
less steel 13-8 PH)
Internal transmission fluid
Silicone oil (only with pressure ranges < 0 bar ... 10 bar and ≤ 0 bar abs ... 25 bar abs)
Pressure port
Standard
Housing material
Stainless steel 316L
1) The pressure transmitter must be supplied with power by a limited energy circuit compliant with 9.3 of UL/EN/IEC 601010-1 or LPS to UL/EN/IEC 60950-1 or Class
2 to UL 1310/UL1585 (NEC or CEC). The power supply must be suitable for operation above 2,000 m if the pressure transmitter is used above this altitude.
2
FLUID SENSORS | SICK
Online data sheet | 2016-08-17 15:00:09
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com