Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6045008 Datasheet(PDF) 4 Page - SICK AG

Part # 6045008
Description  PRESSURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6045008 Datasheet(HTML) 4 Page - SICK AG

  6045008 Datasheet HTML 1Page - SICK AG 6045008 Datasheet HTML 2Page - SICK AG 6045008 Datasheet HTML 3Page - SICK AG 6045008 Datasheet HTML 4Page - SICK AG 6045008 Datasheet HTML 5Page - SICK AG 6045008 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PBT-CB1X6SGTSSNALA0Z | PBT
PRESSURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
Housing with L-connector (DIN 175301-803 A), IP 65
max. 48 (1.89)
EN175301-803-A
28.5
(1.12)
27
(1.06)
Connection type
L+/ Q
A
3
2
1
M
-
+
+
-
L+
M
Q
A
2
1
1
-
+
-
+
M
4
2
3
L+/ Q
A
1
-
+
-
+
M
4
2
3
L+
Q
A
L+/Q
A
M
-
+
+
-
brn
grn
L+
M
+
-
+
-
brn
grn
wht
Q
A
2-wire
3-wire
L-connector
(DIN EN 175301-803 A
Flying leads
Power supply
Load
3
-
+
+
-
M12 x 1, 4-pin
Recommended accessories
Other models and accessories
www.sick.com/PBT
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket for simple and stable wall mounting of pressure sensors with 27 mm
hexagon, Aluminum
BEF-FL-ALUPBS-HLDR
5322501
Plug connectors and cables
4
FLUID SENSORS | SICK
Online data sheet | 2016-08-17 15:00:09
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com