Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-8 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DIP-8
Description  DUAL LOW NOISE OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DIP-8 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4580
4
Issue Date: Jan. 2003
Advanced Analog Circuits
Data Sheet
Rev.1.0
Operating Conditions: VCC = +15V, VEE = - 15V, TA= 25oC unless otherwise specified.
Electrical Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Current
no load
-
4
7
mA
Input Offset Voltage
RS≤10KΩ
-
0.5
3
mV
Input Offset Current
-
5
100
nA
Input Bias Current
-
150
500
nA
Input Common Mode Voltage Range
±12
± 13.5
-
V
Common Mode Rejection Ratio
VCM=0V to VCC-1.5V, RS≤10KΩ
80
110
-
dB
Large Signal Voltage Gain
RL=2KΩ, VO=±10V
90
110
-
dB
Power Supply Rejection Ratio
RS≤10KΩ
80
110
-
dB
Slew Rate
RL≥2KΩ
-
7
-
V /
µS
Gain Bandwidth Product
RL=2KΩ, f=10KHz
-
15
-
MHz
Total Harmonic Distortion
AV=20dB, VO=5V
RL=2KΩ, f=1KHz
-
0.0005
-
%
Equivalent Input Noise Voltage
RIAA RS=2.2KΩ, 30KHz LPF
-
0.7
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com