Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DIP-8
Description  DUAL LOW NOISE OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DIP-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4580
1
Issue Date: Jan. 2003
Advanced Analog Circuits
Data Sheet
Rev.1.0
General Description
The AZ4580 is a dual low noise operational amplifier.
It is specifically designed for audio systems to improve
tone control; it can also be used in pre-amplifier, indus-
trial measurement tools and applications where gain
and phase matched channels are mandatory.
The IC features monolithic silicon chip, internal fre-
quency compensation, low noise, low distortion, high
gain and high bandwidth. The AZ4580 can operate
under dual power supply voltage up to
±18V or single
power supply up to 36V.
Features
·
Operating voltage:
±2V ~ ±18V
·
Large DC voltage gain: 110dB typ.
·
Low input noise voltage: 0.7
µVRMS typ.
·
Wide gain bandwidth product: 15 MHz typ.
·
Low distortion: 0.0005% typ.
·
Slew rate: 7V/
µs typ.
·
Package outline: DIP8, SOIC8
Applications
·
Audio AC-3 decoded system
·
Audio amplifier
SOIC-8
DIP-8
Figure 1. Package Types of AZ4580


Similar Part No. - DIP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIP-8 ETC-DIP-8 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
DIP-8 TI1-DIP-8 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
AG Electronica
DIP-8 AGELECTRONICA-DIP-8 Datasheet
671Kb / 3P
DIP SWITCH DE 8 POSICIONES
25/03/2019
logo
SYNC POWER Crop.
DIP-8P SYNC-POWER-DIP-8P Datasheet
38Kb / 1P
OUTLINE
More results

Similar Description - DIP-8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-1997
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
August 2003 Rev.1.1
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI1-NE5532 Datasheet
966Kb / 23P
Dual Low-Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com