Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5824FP Datasheet(PDF) 1 Page - LSI Computer Systems

Part # BA5824FP
Description  4-channel BTL driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA5824FP Datasheet(HTML) 1 Page - LSI Computer Systems

  BA5824FP Datasheet HTML 1Page - LSI Computer Systems BA5824FP Datasheet HTML 2Page - LSI Computer Systems BA5824FP Datasheet HTML 3Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-channel BTL driver
BA5824FP
Description
Dimension (Units : mm)
Features
Applications
01W109A
November, 2001
Absolute Maximum Ratings (Ta=25°C)
*Derating : 13.6mW/°C for operation above Ta=25°C
HSOP28
18.5 ± 0.2
28
15
1
14
0.35 ± 0.1
5.15 ± 0.1
0.8
0.25 ± 0.1
16.0 ± 0.2
0.1 S
0.08 M
CD players, DVD players
CD players, and DVD players for Car
1) Wide dynamic range
2) Built-in thermal shut down circuit
3) Built-in mute function by control pin and mute pin
Maximum applied voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vcc
Pd
Topr
Tstg
18
1700
+85
+150
–35
–55
~
~
mW
°C
°C
V
*
BA5824FP incorporates 4-channel drivers that
operate the motor and the actuator for car CD
players. CH1,2 and CH3,4 each have power
supply independently. The highly efficient drive
can be achieved due to the low voltage operation.
The input of CH4 can be switched by the control pin.


Similar Part No. - BA5824FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA5824FP ETC2-BA5824FP Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BA5824FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
4-channel BTL driver for CD players
BA5994FM ROHM-BA5994FM Datasheet
87Kb / 2P
4-Channel BTL driver
BA6297AFP ROHM-BA6297AFP Datasheet
107Kb / 6P
4-channel BTL driver for CD players
BA6398FP ROHM-BA6398FP Datasheet
133Kb / 8P
4-channel BTL driver for CD players
BA6896FP ROHM-BA6896FP Datasheet
152Kb / 9P
4-channel BTL driver for CD players
logo
Sanyo Semicon Device
LA6532M SANYO-LA6532M Datasheet
77Kb / 3P
4-Channel BTL-Use Driver
LA6533 SANYO-LA6533 Datasheet
70Kb / 4P
2-Channel BTL-Use or 4-Channel Driver???
logo
Ceramate Technical
CMD6392 CERAMATE-CMD6392 Datasheet
427Kb / 8P
4-Channel BTL Driver for Players
logo
Rohm
BA6396FP ROHM-BA6396FP Datasheet
419Kb / 9P
4-CHANNEL BTL DRIVER
BA6998FP ROHM-BA6998FP Datasheet
167Kb / 7P
4-channel BTL driver for CD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com