Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5824FP Datasheet(PDF) 2 Page - LSI Computer Systems

Part # BA5824FP
Description  4-channel BTL driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA5824FP Datasheet(HTML) 2 Page - LSI Computer Systems

  BA5824FP Datasheet HTML 1Page - LSI Computer Systems BA5824FP Datasheet HTML 2Page - LSI Computer Systems BA5824FP Datasheet HTML 3Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power supply voltage
VCC
8
4.5
14
V
Parameter
Min.
Max.
Unit
Typ.
Symbol
Consumption current at no signal
IQ
–
–50
5.4
10.0
–6
7.5
–
22
0
6.0
11.7
0
7.9
0.2
32
50
–
13.4
6
–
0.5
mA
mV
V
dB
mV
V
V
Voof
VOM
GVC
VOFOP
VOHOP
VOLOP
Output offset voltage
Maximum output voltage
Voltage gain
Pre-Op. Amp offset voltage
Pre-Op. Amp high level voltage
Pre-Op. Amp low level voltage
No load
VIN=
±0.5V
Electrical characteristics (Unless otherwise noted; Ta=25°C, Vcc=8V)
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
Application Circuit
LOADING
CONTROL
SLED
SPINDLE
BIAS
FOCUS
TRACKING
MUTE
0.1µF
-
+
10k
Pow
GND
Pow
Vcc2
15
-
+
-
+
-
+
-
+
-
+
-
+
-
+
Level shifter
Level shifter
Level shifter
Level shifter
-
+
-
+
-
+
BIAS
PreVcc
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
2.4V
H
L
PowVcc1
MUTE
CONTROL
-
+
SLED
CONTROL
10k
CH1
CH2
CH3
CH4
H
L
PowGND
PreGND
T.S.D
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
14
13
12
11
10
9
8
0.1
µF
0.1µ F
Focus coil
Tracking coil
M
Sled/Loading
motor
Spindle motor
M
BA5824FP
Recommended Operating Conditions (Ta=25°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com