Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3621 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3621
Description  Single Cell Lithium-Ion Battery Charger Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3621 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3621 Datasheet HTML 1Page - National Semiconductor (TI) LM3621 Datasheet HTML 2Page - National Semiconductor (TI) LM3621 Datasheet HTML 3Page - National Semiconductor (TI) LM3621 Datasheet HTML 4Page - National Semiconductor (TI) LM3621 Datasheet HTML 5Page - National Semiconductor (TI) LM3621 Datasheet HTML 6Page - National Semiconductor (TI) LM3621 Datasheet HTML 7Page - National Semiconductor (TI) LM3621 Datasheet HTML 8Page - National Semiconductor (TI) LM3621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
DD
6.0V
All pins
−0.3 V
≤ V ≤ V
DD+0.3V
Power Dissipation
100 mV
ESD Susceptibility (Note 2)
2kV
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature,
soldering
Vapor Phase (60 sec)
+215˚C
Infrared (15 sec)
+220˚C
Operating Ratings
Ambient Temperature Range
0˚C
≤ T
A ≤ 70˚C
Supply Voltage Range (Note 3)
3.0V
≤ V
DD ≤ 5.5V
Electrical Characteristics
V
DD = 4.2V unless otherwise specified. Specifications with standard type face are for TA = 25˚C, and those with boldface type
apply over full operating temperature range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Battery Regulation Voltage (Note
4)
Charge termination voltage for
V
SET = HI
4.18
4.2
4.22
V
4.16
4.24
V
Charge termination voltage for
V
SET =LO
4.08
4.1
4.12
V
4.06
4.14
V
Battery conditioning (Hi-Z) charge
mode, LM3621M-3.0
2.95
3.1
3.25
V
Battery conditioning (Hi-Z) charge
mode, LM3621M
4.05
4.1
4.15
V
Monitor Mode float voltage for
V
SET = HI
4.05
4.09
4.13
V
Monitor Mode float voltage for
V
SET = LO
3.80
3.85
3.90
V
V
CSR
Charge Current Regulation
Voltage (Notes 5, 16)
Fast Charge Mode
0.475
0.5
0.525
V
Conditioning (Hi-Z) Charge Mode
0.04
0.05
0.06
V
Boost Mode
0.855
0.9
0.945
V
V
BAT-Det
Battery Voltage Detection
Threshold (Note 6)
Overvoltage Fault Threshold for
V
SET = HI
4.28
4.40
4.50
V
Overvoltage Fault Threshold for
V
SET = LO
4.18
4.30
4.40
V
Battery Resistance Free Voltage
Threshold
3.55
3.65
3.75
V
Conditioning (Hi-Z) Charge Mode
Threshold
2.45
2.55
2.65
V
2.40
2.70
V
V
CSR-Det
Charge Current Voltage Detection
Threshold (Notes 7, 16)
End of charge threshold
40
mV
Over Current Fault Threshold
0.95
1
1.05
V
IQ
Quiescent Current
Standby Mode with I
OUT = 0mA
3
5
mA
I
OUT
MCO Output Source Current
V
MCO = 1.0V
20
mA
V
MCO
Maximum MCO Output Voltage
I
OUT = 1 mA, VDD = 5.5V
4.9
V
I
OUT = 1 mA, VDD = 3.0V
2.9
V
GM-V
V-Reg Loop Error Amp
Transconductance
0.1
mA/V
I
SLEW-V
V-Reg Loop Error Amp Slew
Current
100
µA
GM-I
I-Reg Loop Error Amp
Transconductance
1
mA/V
I
SLEW-I
I-Reg Loop Error Amp Slew
Current
200
µA
T
HR
1 Hour Timer
55
60
65
min
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com