Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3621 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3621
Description  Single Cell Lithium-Ion Battery Charger Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3621 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3621 Datasheet HTML 1Page - National Semiconductor (TI) LM3621 Datasheet HTML 2Page - National Semiconductor (TI) LM3621 Datasheet HTML 3Page - National Semiconductor (TI) LM3621 Datasheet HTML 4Page - National Semiconductor (TI) LM3621 Datasheet HTML 5Page - National Semiconductor (TI) LM3621 Datasheet HTML 6Page - National Semiconductor (TI) LM3621 Datasheet HTML 7Page - National Semiconductor (TI) LM3621 Datasheet HTML 8Page - National Semiconductor (TI) LM3621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM3621
Single Cell Lithium-Ion Battery Charger Controller
General Description
The LM3621 is a full function constant voltage, constant cur-
rent (CVCC) lithium-ion (Li+) battery charger controller. It
provides 1% regulation accuracy over the specified tempera-
ture range without requiring the use of external precision re-
sistors. The IC controls five charge modes: conditioning,
fast, top-off, monitor and maintenance. In addition, the
LM3621 detects and flags defective batteries as well as over
current and over voltage fault events. The architecture of the
IC is based on high gain constant voltage and constant cur-
rent control loops.
The LM3621 is designed to control a switching charger, a lin-
ear charger or an off-line ac adapter charger.
The LM3621 consists of a logic controller, precision bandgap
reference, wide bandwidth transconductance error amplifi-
ers, comparators, and an output buffer. The LM3621 is avail-
able in a 16-pin SOIC package and is specified over the
range of 0˚C to 70˚C.
Key Specifications
n
Tight output voltage accuracy (±0.5% at T
A = 25˚C)
n
Two selectable output voltages (4.2V or 4.1V)
n
Less than 1 µA current drain from fully charged battery
n
Preconditioning severely discharged cells (0V to 2.55V)
Features
n
Automatic end-of-charge control
n
Preset or user adjustable charge current regulation
n
LED drivers for charging status and fault indication
n
Battery self-discharge refresh (maintenance)
n
Overvoltage/overcurrent fault detection and protection
n
Defective battery pack detection
n
Charge current boost control for cellular phone
applications
n
Charge interruption control input
Applications
n
Complete, full function, protected battery charger for
coke or graphite anode, single cell Lithium-Ion battery
packs
n
Linear voltage regulator controlled chargers
n
High efficiency switching regulator controlled chargers
n
Cost effective wall adapter chargers
Typical Application
DS100107-7
1A, 4.1V CVCC Linear Charger for Graphite Anode Lithium-Ion Battery
March 1998
© 1998 National Semiconductor Corporation
DS100107
www.national.com


Similar Part No. - LM3621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
LM3620M5-4 NSC-LM3620M5-4 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
LM3620M5-8 NSC-LM3620M5-8 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
LM3620M5X-4 NSC-LM3620M5X-4 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
LM3620M5X-8 NSC-LM3620M5X-8 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
More results

Similar Description - LM3621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
Lithium-Ion Battery Charger Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1 Datasheet
176Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
single-cell lithium-ion battery charger
logo
Shenzhen Huazhimei Semi...
HM5054A HMSEMI-HM5054A Datasheet
1Mb / 11P
Single-cell lithium-ion battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com