Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B Datasheet(PDF) 32 Page - Microchip Technology

Part # SST26VF032B
Description  2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B Datasheet(HTML) 32 Page - Microchip Technology

Back Button SST26VF032B Datasheet HTML 28Page - Microchip Technology SST26VF032B Datasheet HTML 29Page - Microchip Technology SST26VF032B Datasheet HTML 30Page - Microchip Technology SST26VF032B Datasheet HTML 31Page - Microchip Technology SST26VF032B Datasheet HTML 32Page - Microchip Technology SST26VF032B Datasheet HTML 33Page - Microchip Technology SST26VF032B Datasheet HTML 34Page - Microchip Technology SST26VF032B Datasheet HTML 35Page - Microchip Technology SST26VF032B Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
SST26VF032B / SST26VF032BA
DS20005218E-page 32
 2013-2016 Microchip Technology Inc.
5.30
Write-Status Register (WRSR)
The Write-Status Register (WRSR) command writes
new values to the Configuration register. To execute a
Write-Status Register operation, the host drives CE#
low, then sends the Write-Status Register command
cycle (01H), two cycles of data, and then drives CE#
high. Values in the second data cycle will be accepted
by the device. See Figures 5-30 and 5-31.
FIGURE 5-30:
WRITE-STATUS-REGISTER SEQUENCE (SQI)
FIGURE 5-31:
WRITE-STATUS-REGISTER SEQUENCE (SPI)
20005218 F63.1
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
XX XX
MSN LSN
4
H0 L0
5
3
Status
Byte
Command
Config-
uration
Byte
Note: MSN = Most Significant Nibble; LSN = Least Significant Nibble, XX = Don’t Care, C[1:0]=01H
20005218 F64.2
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER
XX
MSB
MSB
01
SCK
SI
SO
CE#
0 1 2 3 4 5 6 7 8 9 10 11 121314 15
CONFIGURATION
REGISTER
7 6 5 4321 0
MSB
16 17 18 19 20 21 22 23
XX XX XX XX XX XX XX
Note: XX = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com