Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B Datasheet(PDF) 57 Page - Microchip Technology

Part # SST26VF032B
Description  2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B Datasheet(HTML) 57 Page - Microchip Technology

Back Button SST26VF032B Datasheet HTML 53Page - Microchip Technology SST26VF032B Datasheet HTML 54Page - Microchip Technology SST26VF032B Datasheet HTML 55Page - Microchip Technology SST26VF032B Datasheet HTML 56Page - Microchip Technology SST26VF032B Datasheet HTML 57Page - Microchip Technology SST26VF032B Datasheet HTML 58Page - Microchip Technology SST26VF032B Datasheet HTML 59Page - Microchip Technology SST26VF032B Datasheet HTML 60Page - Microchip Technology SST26VF032B Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
 2013-2016 Microchip Technology Inc.
DS20005218E-page 57
SST26VF032B / SST26VF032BA
10.0 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XXX
X
Operating
Device
Device:
SST26VF032B
= 32 Mbit, 2.5/3.0V, SQI Flash Memory
WP#/Hold# pin Enable at power-up
SST26VF032BA = 32 Mbit, 2.5/3.0V, SQI Flash Memory
WP#/Hold# pin Disable at power-up
Tape and
Reel Flag:
T
= Tape and Reel
(blank)
= Tube or Tray
Operating
Frequency:
104
= 104 MHz
Temperature:
I
= -40°C to +85°C
V
= -40°C to +105°C
Package:
MF
= WDFN (6mm x 5mm Body), 8-lead
SM
= SOIJ (5.28 mm), 8-lead
TD
= TBGA(>1mm pitch, <1.2mmheight),
24-lead
Valid Combinations:
SST26VF032B-104I/MF
SST26VF032BT-104I/MF
SST26VF032BA-104I/MF
SST26VF032BAT-104I/MF
SST26VF032B-104V/MF
SST26VF032BT-104V/MF
SST26VF032B-104I/SM
SST26VF032BT-104I/SM
SST26VF032BA-104I/SM
SST26VF032BAT-104I/SM
SST26VF032B-104V/SM
SST26VF032BT-104V/SM
SST26VF032B-104I/TD
X
Tape/Reel
Indicator
Frequency
XX
Package
Temperature
/
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com