Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25VF032B_15 Datasheet HTML 17Page - Microchip Technology SST25VF032B_15 Datasheet HTML 18Page - Microchip Technology SST25VF032B_15 Datasheet HTML 19Page - Microchip Technology SST25VF032B_15 Datasheet HTML 20Page - Microchip Technology SST25VF032B_15 Datasheet HTML 21Page - Microchip Technology SST25VF032B_15 Datasheet HTML 22Page - Microchip Technology SST25VF032B_15 Datasheet HTML 23Page - Microchip Technology SST25VF032B_15 Datasheet HTML 24Page - Microchip Technology SST25VF032B_15 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
©2015
DS20005071B
04/15
21
32 Mbit SPI Serial Flash
SST25VF032B
EOL Data Sheet
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as SST25VF032B and the manufacturer as SST.
The device information can be read from executing the 8-bit command, 9FH. Following the JEDEC
Read-ID instruction, the 8-bit manufacturer’s ID, BFH, is output from the device. After that, a 24-bit
device ID is shifted out on the SO pin. Byte 1, BFH, identifies the manufacturer as SST. Byte 2, 25H,
identifies the memory type as SPI Serial Flash. Byte 3, 4AH, identifies the device as SST25VF032B.
The instruction sequence is shown in Figure 21. The JEDEC Read ID instruction is terminated by a low
to high transition on CE# at any time during data output.
Figure 21:JEDEC Read-ID Sequence
Table 7: JEDEC Read-ID Data
Device ID
Manufacturer’s ID
Memory Type
Memory Capacity
Byte1
Byte 2
Byte 3
BFH
25H
4AH
T7.0 20005071
25
4A
1327 F22.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com