Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 2 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 2 Page - Microchip Technology

  SST25VF032B_15 Datasheet HTML 1Page - Microchip Technology SST25VF032B_15 Datasheet HTML 2Page - Microchip Technology SST25VF032B_15 Datasheet HTML 3Page - Microchip Technology SST25VF032B_15 Datasheet HTML 4Page - Microchip Technology SST25VF032B_15 Datasheet HTML 5Page - Microchip Technology SST25VF032B_15 Datasheet HTML 6Page - Microchip Technology SST25VF032B_15 Datasheet HTML 7Page - Microchip Technology SST25VF032B_15 Datasheet HTML 8Page - Microchip Technology SST25VF032B_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
©2015
DS20005071B
04/15
2
32 Mbit SPI Serial Flash
SST25VF032B
EOL Data Sheet
Product Description
The SST 25 series Serial Flash family features a four-wire, SPI-compatible interface that allows for a
low pin-count package which occupies less board space and ultimately lowers total system costs.
SST25VF032B SPI serial flash memories are manufactured with SST’s proprietary, high-performance
CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain bet-
ter reliability and manufacturability compared with alternate approaches.
The SST25VF032B devices significantly improve performance and reliability, while lowering power
consumption. The devices write (Program or Erase) with a single power supply of 2.7-3.6V for
SST25VF032B. The total energy consumed is a function of the applied voltage, current, and time of
application. Since for any given voltage range, the SuperFlash technology uses less current to pro-
gram and has a shorter erase time, the total energy consumed during any Erase or Program operation
is less than alternative flash memory technologies.
The SST25VF032B device is offered in 8-lead SOIC (200 mils) and 8-contact WSON packages. See
Figure 2 for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com