Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2596S Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2596S
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596S Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2596S Datasheet HTML 1Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 2Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 3Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 4Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 5Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 6Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS2596 is a high efficiency, non-synchronous
step down regulator delivering up to 3A of output
current making it ideal for medium to heavy load
applications. It is designed to operate with wide
input voltage range of 4.5 to 30V while maintaining
1mA of supply current at no load.
The output
voltage is either factor programmed or set via two
external resistors to as low as 1.23V.
The regulator operates at fixed 150kHz switching
frequency ensuring low output ripple across the
entire load.
It requires only four external
components for minimum PCB footprint and lowest
overall system cost.
An independent Enable pin
provides electrical On/Off of the regulator. When
connected to logic high, the regulator shuts down
and consumes less than 100µA of current. Excellent
transient response is achieved with no external
compensation components.
The device provides under-voltage lockout, output
short circuit and over-temperature protection to
safeguard the device and under fault conditions. An
integrated soft-start controls the ramp of the output
voltage and minimizes the inrush current.
The AMS2596 is available in SOIC, TO220, TO252
and TO263 packages, and it is rated for -25 to
+125°C temperature range.
Features
•
VIN range: 4.5 - 30V
•
VOUT range: 1.25V to 7V fixed output Voltage
in 100mV steps
•
Adjustable version output voltage range
from 1.2V to 25V
•
Up to 5A output current
•
150kHz switching frequency
•
900µA supply current
•
80uA standby quiescent current
•
100% Duty Cycle
•
Excellent line and load regulation
•
Internal Soft Start
•
Internal compensation
•
Under voltage lockout
•
Current Limit Protection
•
Over temperature protection
•
-25°C to +125°C Temperature Range
•
Available in SOIC-8, TO220-5, TO252-5 and
TO263-5 packages
Applications
•
LCD Monitor and TV
•
High Current Point of Load Regulator
•
System Power
•
Set Top Box
Typical Application
L1
33uH
R1
31.7k
R2
10.0k
D1
B540C
C2
470uF
C1
470uF
12V
2.5V
gnd
8
Vin
4
n/c
3
EN
2
FB
1
LX
6
gnd
7
LX
5
U1
AMS2596


Similar Part No. - AMS2596S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2596S-ADJ AMS-AMS2596S-ADJ Datasheet
419Kb / 9P
3.3V, 5V, 12Vand adjustable versions
AMS2596S-XX AMS-AMS2596S-XX Datasheet
419Kb / 9P
3.3V, 5V, 12Vand adjustable versions
More results

Similar Description - AMS2596S

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR4558 LRC-LR4558_12 Datasheet
255Kb / 7P
Internal Frequency Compensation High Input Resistance with 5MTypical
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
Leshan Radio Company
LR4558 LRC-LR4558_15 Datasheet
255Kb / 7P
Internal Frequency Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Unisonic Technologies
UCS1604SL-D08-T UTC-UCS1604SL-D08-T Datasheet
274Kb / 7P
Internal Slope Compensation
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Diodes Incorporated
AP64102Q DIODES-AP64102Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64202Q DIODES-AP64202Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64352Q DIODES-AP64352Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 June 2020
AP64502Q DIODES-AP64502Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com