Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2596S Datasheet(PDF) 11 Page - Advanced Monolithic Systems

Part # AMS2596S
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596S Datasheet(HTML) 11 Page - Advanced Monolithic Systems

Back Button AMS2596S Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 9Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 10Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 11Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 12Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 13Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 14Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 15Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
11
Fax (925) 443-0723
Output Power and Thermal Limits
The AMS2596 junction temperature, Step-Down
converter and LDO current capability depends on the
internal dissipation and the junction to case thermal
resistance of the SO8 exposed paddle package. This
gives the junction temperature rise above the device
paddle and PCB temperature.
The temperature of the paddle and PCB will be
elevated above the ambient temperature due to the
total losses of the step down converter and losses of
other circuits and or converters mounted to the PCB.
Tjmax=Pd·θjc+Tpcb+Tamb
The losses associated with the AMS2596 overall
efficiency are;
1. Output Diode Conduction Losses
2. Inductor DCR Losses
3. AMS2596 Internal losses
a. Power Switch Forward Conduction
and Switching Losses
b. Quiescent Current Losses
The internal losses contribute to the junction
temperature
rise
above
the
case
and
PCB
temperature.
The junction temperature depends on many factors
and should always be verified in the final application
at the maximum ambient temperature. This will assure
that the device does not enter over-temperature
shutdown when fully loaded at the maximum ambient
temperature.
Figure 2. AMS2596 SO-8 Evaluation Board Top
Figure 3. AMS2596 SO-8 Evaluation Board Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com