Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2505 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2505
Description  Single 2A/Dual 1A High-Side Switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2505 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2505 Datasheet HTML 9Page - Microchip Technology MIC2505 Datasheet HTML 10Page - Microchip Technology MIC2505 Datasheet HTML 11Page - Microchip Technology MIC2505 Datasheet HTML 12Page - Microchip Technology MIC2505 Datasheet HTML 13Page - Microchip Technology MIC2505 Datasheet HTML 14Page - Microchip Technology MIC2505 Datasheet HTML 15Page - Microchip Technology MIC2505 Datasheet HTML 16Page - Microchip Technology MIC2505 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005579A-page 13
MIC2505/6
5.10
Fault Flag
FLG is an N-channel, open-drain MOSFET output. The
fault flag is active (low) for one or more of the following
conditions: open load (except MIC2505-1 and -2
versions), undervoltage, current limit, or thermal
shutdown. The flag output MOSFET is capable of
sinking a 10 mA load to typically 100 mV above
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com