Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1870SF Datasheet(PDF) 13 Page - Microchip Technology

Part # IS1870SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1870SF Datasheet(HTML) 13 Page - Microchip Technology

Back Button IS1870SF Datasheet HTML 9Page - Microchip Technology IS1870SF Datasheet HTML 10Page - Microchip Technology IS1870SF Datasheet HTML 11Page - Microchip Technology IS1870SF Datasheet HTML 12Page - Microchip Technology IS1870SF Datasheet HTML 13Page - Microchip Technology IS1870SF Datasheet HTML 14Page - Microchip Technology IS1870SF Datasheet HTML 15Page - Microchip Technology IS1870SF Datasheet HTML 16Page - Microchip Technology IS1870SF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 13
IS1870/71
2.0
SYSTEM BLOCK DETAILS
2.1
System Block Descriptions
Each system block of the IS1870/71 is described in this
section.
2.1.1
PMU
The IS1870/71 includes a DC-DC converter and four
LDOs. These LDOs can be configured for various
operating modes and applications to suppress the peak
current and maximize battery life, see Figure 2-1.
FIGURE 2-1:
IS1870/71 POWER TREE
2.1.2
AON
AON is the hardware-based state machine that con-
trols the power-up and power sequence. It includes a
RTC timer and an I/O detector, which can wake-up the
system from Standby mode or Power-Saving mode
using time-out or I/O transition.
2.1.3
RF
The IS1870/71 has an on-chip RF circuit, a controller,
and a modulator (Tx)/demodulator (Rx). The Tx is used
to control the synthesizer's phase and output power,
and modulate the
data based
on
the BLE
specifications. The Rx is used to decode the Bluetooth
signal and optimize the performance, such as IQ-
imbalance, suppress DC, and flick noise. It is also used
to compensate the frequency drift and offset, filter out
interference to maximize receiver sensitivity.
2.1.4
PERIPHERALS
The IS1870/71 interface is built-in to connect external
MCU and sensors.
2.1.5
MCU
The IS1870/71 has an 8051 core ROM, RAM,
embedded Flash to schedule the BLE tasks, process
BLE protocol stacks, and profiles.
IS1870SF_IS1871SF.book Page 13 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com