Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1870SF Datasheet(PDF) 17 Page - Microchip Technology

Part # IS1870SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1870SF Datasheet(HTML) 17 Page - Microchip Technology

Back Button IS1870SF Datasheet HTML 13Page - Microchip Technology IS1870SF Datasheet HTML 14Page - Microchip Technology IS1870SF Datasheet HTML 15Page - Microchip Technology IS1870SF Datasheet HTML 16Page - Microchip Technology IS1870SF Datasheet HTML 17Page - Microchip Technology IS1870SF Datasheet HTML 18Page - Microchip Technology IS1870SF Datasheet HTML 19Page - Microchip Technology IS1870SF Datasheet HTML 20Page - Microchip Technology IS1870SF Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 17
IS1870/71
3.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of the IS1870/71 electrical characteristics. Additional information will be provided
in future revisions of this document.
Absolute maximum ratings for the IS1870/71 devices are listed below. Exposure to the maximum rating conditions for
extended periods may affect device reliability. Functional operation of the device at these or any other conditions, above
the parameters indicated in the operation listings of this specification, is not implied.
Absolute Maximum Ratings
(See Note 1)
Ambient temperature under bias...............................................................................................................-20°C to +70°C
Storage temperature .............................................................................................................................. -40°C to +125°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +3.6V
Voltage on any pin with respect to VSS .......................................................................................... -0.3V to (VDD + 0.3V)
Maximum output current sunk by any I/O pin..........................................................................................................12 mA
Maximum output current sourced by any I/O pin....................................................................................................12 mA
ESD (according to machine model, JEDEC EIA/JESD22-A115-C)
Maximum output for all pins, excluding RF Tx pin .................................................................................................±200V
Maximum output for all pins ....................................................................................................................................±150V
Maximum output (human-body model)........................................................................................................................±2V
Maximum output (charge-device model).................................................................................................................±150V
Note 1:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions,
above those indicated in the operation listings of this specification, is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
IS1870SF_IS1871SF.book Page 17 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com