Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9031RNXVC Datasheet(PDF) 4 Page - Microchip Technology

Part # KSZ9031RNXVC
Description  Gigabit Ethernet Transceiver with RGMII Support
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9031RNXVC Datasheet(HTML) 4 Page - Microchip Technology

  KSZ9031RNXVC Datasheet HTML 1Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 2Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 3Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 4Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 5Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 6Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 7Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 8Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
KSZ9031RNX
DS00002117C-page 4
 2016 Microchip Technology Inc.
1.0
INTRODUCTION
1.1
General Description
The KSZ9031RNX is a completely integrated triple-speed (10BASE-T/100BASE-TX/1000BASE-T) Ethernet physical-
layer transceiver for transmission and reception of data on standard CAT-5 unshielded twisted pair (UTP) cable.
The KSZ9031RNX provides the Reduced Gigabit Media Independent Interface (RGMII) for direct connection to RGMII
MACs in Gigabit Ethernet processors and switches for data transfer at 10/100/1000 Mbps.
The KSZ9031RNX reduces board cost and simplifies board layout by using on-chip termination resistors for the four
differential pairs and by integrating an LDO controller to drive a low-cost MOSFET to supply the 1.2V core.
The KSZ9031RNX offers diagnostic features to facilitate system bring-up and debugging in production testing and in
product deployment. Parametric NAND tree support enables fault detection between KSZ9031 I/Os and the board. The
LinkMD® TDR-based cable diagnostic identifies faulty copper cabling. Remote and local loopback functions verify ana-
log and digital data paths.
The standard KSZ9031RNX is available in a 48-pin, lead-free QFN package, and the AEC-Q100 automotive qualified
parts, KSZ9031RNXUA and KSZ9031RNXVA, are available in a 48-pin lead-free WQFN package.
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
RGMII
10/100/1000Mbps
RGMII
ETHERNET MAC
MDC/MDIO
MANAGEMENT
KSZ9031RNX
LDO
CONTROLLER
VIN
3.3VA
VOUT
1.2V (FOR CORE VOLTAGES)
RJ-45
CONNECTOR
MEDIA TYPES
10Base-T
100Base-TX
1000Base-T
(SYSTEM POWER CIRCUIT)
PME_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com