Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9031RNXVC Datasheet(PDF) 13 Page - Microchip Technology

Part # KSZ9031RNXVC
Description  Gigabit Ethernet Transceiver with RGMII Support
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9031RNXVC Datasheet(HTML) 13 Page - Microchip Technology

Back Button KSZ9031RNXVC Datasheet HTML 9Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 10Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 11Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 12Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 13Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 14Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 15Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 16Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
 2016 Microchip Technology Inc.
DS00002117C-page 13
KSZ9031RNX
3.0
FUNCTIONAL DESCRIPTION
The KSZ9031RNX is a completely integrated triple-speed (10BASE-T/100BASE-TX/1000BASE-T) Ethernet physical
layer transceiver solution for transmission and reception of data over a standard CAT-5 unshielded twisted pair (UTP)
cable.
The KSZ9031RNX reduces board cost and simplifies board layout by using on-chip termination resistors for the four
differential pairs and by integrating an LDO controller to drive a low-cost MOSFET to supply the 1.2V core.
On the copper media interface, the KSZ9031RNX can automatically detect and correct for differential pair misplace-
ments and polarity reversals, and correct propagation delays and re-sync timing between the four differential pairs, as
specified in the IEEE 802.3 standard for 1000BASE-T operation.
The KSZ9031RNX provides the RGMII interface for connection to RGMII MACs in Gigabit Ethernet processors and
switches for data transfer at 10/100/1000 Mbps.
Figure 3-1 shows a high-level block diagram of the KSZ9031RNX.
FIGURE 3-1:
KSZ9031RNX BLOCK DIAGRAM
3.1
10BASE-T/100BASE-TX Transceiver
3.1.1
100BASE-TX TRANSMIT
The 100BASE-TX transmit function performs parallel-to-serial conversion, 4B/5B coding, scrambling, NRZ-to-NRZI con-
version, and MLT-3 encoding and transmission.
The circuitry starts with a parallel-to-serial conversion, which converts the MII data from the MAC into a 125 MHz serial
bit stream. The data and control stream is then converted into 4B/5B coding, followed by a scrambler. The serialized
data is further converted from NRZ-to-NRZI format, and then transmitted in MLT-3 current output. The output current is
set by an external 12.1 kΩ 1% resistor for the 1:1 transformer ratio.
The output signal has a typical rise/fall time of 4 ns and complies with the ANSI TP-PMD standard regarding amplitude
balance, and overshoot. The wave-shaped 10BASE-T output is also incorporated into the 100BASE-TX transmitter.
3.1.2
100BASE-TX RECEIVE
The 100BASE-TX receiver function performs adaptive equalization, DC restoration, MLT-3-to-NRZI conversion, data
and clock recovery, NRZI-to-NRZ conversion, de-scrambling, 4B/5B decoding, and serial-to-parallel conversion.
The receiving side starts with the equalization filter to compensate for inter-symbol interference (ISI) over the twisted
pair cable. Because the amplitude loss and phase distortion are a function of the cable length, the equalizer must adjust
its characteristics to optimize performance. In this design, the variable equalizer makes an initial estimation based on
comparisons of incoming signal strength against some known cable characteristics, then tunes itself for optimization.
This is an ongoing process and self-adjusts against environmental changes such as temperature variations.
MEDIA
INTERFACE
PMA
TX10/100/1000
PMA
RX1000
PMA
RX100
PMA
RX10
CLOCK
RESET
PCS10
AUTO-
NEGOTIATION
PCS100
PCS1000
INTERFACE
LED
DRIVERS
CONFIGURATIONS
RGMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com