Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3128D2DAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAPR
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3128D2DAPR Datasheet HTML 3Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 4Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 5Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
40
D008
Gain=26dB
PVCC=12V
TA=25qC
RL=4:
f= 20Hz
f= 1kHz
f= 6KHz
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
D009
Gain=26dB
PVCC=24V
TA=25qC
RL=4:
f= 20Hz
f= 1kHz
f= 6KHz
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D006
Gain=26dB
PVcc=24V
TA=25qC
RL=8:
P O=1W
PO =5W
PO=10W
Output Power (W)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
D007
Gain=26dB
PVCC=6V
TA=25qC
RL=4:
f= 20Hz
f= 1kHz
f= 6KHz
Supply Voltage (V)
0
10
20
30
5
15
25
10
20
D001
Gain=26dB
TA=25qC
RL=4:
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D005
Gain=26dB
PVcc=12V
TA=25qC
RL=8:
P O=1W
PO =2.5W
PO=5W
7
TPA3128D2
www.ti.com
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
fs = 400 kHz, Ultra Low Idle Loss Mode, TPA3128D2EVM Tested With AP2722. (unless otherwise noted)
Figure 2. Idle Current vs PVCC
Figure 3. Total Harmonic Distortion + Noise (BTL) vs
Frequency
Figure 4. Total Harmonic Distortion + Noise (BTL) vs
Frequency
Figure 5. Total Harmonic Distortion + Noise (BTL) vs Output
Power
Figure 6. Total Harmonic Distortion + Noise (BTL) vs Output
Power
Figure 7. Total Harmonic Distortion + Noise (BTL) vs Output
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com