Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3128D2DAPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3128D2DAPR
Description  2x30-W Class-D Amplifier With Low Idle Power Dissipation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2DAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3128D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 14Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 15Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 16Page - Texas Instruments TPA3128D2DAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Input
Signal
Ci
IN
Zi
Zf
13
TPA3128D2
www.ti.com
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 2. Recommended Input AC-Coupling Capacitors
GAIN
INPUT IMPEDANCE
INPUT CAPACITANCE
HIGH-PASS FILTER
20 dB
60 kΩ
1.5 µF
1.8 Hz
26 dB
30 kΩ
3.3 µF
1.6 Hz
32 dB
15 kΩ
5.6 µF
2.3 Hz
36 dB
9 kΩ
10 µF
1.8 Hz
Figure 27. Input Impedance
The input capacitors used should be a type with low leakage, such as quality electrolytic, tantalum, or ceramic
capacitors. If a polarized type is used the positive connection should face the input pins which are biased to 3
Vdc.
7.3.3 Startup and Shutdown Operation
The TPA3128D2 employs a shutdown mode of operation designed to reduce supply current (Icc) to the absolute
minimum level during periods of nonuse for power conservation. The SDZ input terminal should be held high
(see specification table for trip point) during normal operation when the amplifier is in use. Pulling SDZ low will
put the outputs to mute and the amplifier to enter a low-current state. Do not leave SDZ unconnected, because
amplifier operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown mode prior to removing the power
supply. The gain setting is selected at the end of the start-up cycle. At the end of the start-up cycle, the gain is
selected and cannot be changed until the next power-up.
7.3.4 PLIMIT Operation
The TPA3128D2 has a built-in voltage limiter that can be used to limit the output voltage level below the supply
rail, the amplifier operates as if it was powered by a lower supply voltage, and thereby limits the output power.
Add a resistor divider from GVDD to ground to set the voltage at the PLIMIT pin. An external reference may also
be used if tighter tolerance is required. Add a 1-µF capacitor from pin PLIMIT to ground to ensure stability.
Figure 28. Power Limit Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com