Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8091RNAIA Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8091RNAIA
Description  10BASE-T/100BASE-TX PHY with RMII and EEE Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8091RNAIA Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8091RNAIA Datasheet HTML 17Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 18Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 19Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 20Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 21Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 22Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 23Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 24Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
 2016 Microchip Technology Inc.
DS00002298A-page 21
KSZ8091RNA/RND
The ‘11’ case, invalid test, occurs when the device is unable to shut down the link partner. In this instance, the test is
not run because it would be impossible for the device to determine if the detected signal is a reflection of the signal
generated or a signal from another source.
5.
Get distance to fault by concatenating Register 1Dh, bits [8:0] and multiplying the result by a constant of 0.38.
The distance to the cable fault can be determined by the following formula:
EQUATION 3-1:
D (distance to cable fault) is expressed in meters.
Concatenated value of Registers 1Dh bits [8:0] should be converted to decimal before multiplying by 0.38.
The constant (0.38) may be calibrated for different cabling conditions, including cables with a velocity of propagation
that varies significantly from the norm.
3.9
NAND Tree Support
The KSZ8091RNA/RND provides parametric NAND tree support for fault detection between chip I/Os and board. The
NAND tree is a chain of nested NAND gates in which each KSZ8091RNA/RND digital I/O (NAND tree input) pin is an
input to one NAND gate along the chain. At the end of the chain, the TXD1 pin provides the output for the nested NAND
gates.
The NAND tree test process includes:
• Enabling NAND tree mode
• Pulling all NAND tree input pins high
• Driving each NAND tree input pin low, sequentially, according to the NAND tree pin order
• Checking the NAND tree output to make sure there is a toggle high-to-low or low-to-high for each NAND tree input
driven low
Table 3-5 list the NAND tree pin order for KSZ8091RNA/RND.
TABLE 3-5:
NAND TREE TEST PIN ORDER FOR KSZ8091RNA/RND
Pin Number
Pin Name
NAND Tree Description
10
MDIO
Input
11
MDC
Input
12
RXD1
Input
13
RXD0
Input
15
CRS_DV
Input
16
REF_CLK
Input
18
INTRP
Input
19
TXEN
Input
23
LED0
Input
20
TXD0
Input
21
TXD1
Output
D Distance to cable fault in meters

0.38
Register 1Dh, bits[8:0]

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com