Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ8091RNAIA Datasheet(PDF) 4 Page - Microchip Technology

Part # KSZ8091RNAIA
Description  10BASE-T/100BASE-TX PHY with RMII and EEE Support
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8091RNAIA Datasheet(HTML) 4 Page - Microchip Technology

  KSZ8091RNAIA Datasheet HTML 1Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 2Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 3Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 4Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 5Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 6Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 7Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 8Page - Microchip Technology KSZ8091RNAIA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
KSZ8091RNA/RND
DS00002298A-page 4
 2016 Microchip Technology Inc.
1.0
INTRODUCTION
1.1
General Description
The KSZ8091RNA is a single-supply 10BASE-T/100BASE-TX Ethernet physical-layer transceiver for transmission and
reception of data over standard CAT-5 unshielded twisted pair (UTP) cable.
The KSZ8091RNA is a highly integrated PHY solution. It reduces board cost and simplifies board layout by using on-
chip termination resistors for the differential pairs and by integrating a low-noise regulator to supply the 1.2V core, and
by offering a flexible 1.8/2.5/3.3V digital I/O interface.
The KSZ8091RNA offers the Reduced Media Independent Interface (RMII) for direct connection with RMII-compliant
Ethernet MAC processors and switches.
As the power-up default, the KSZ8091RNA uses a 25 MHz crystal to generate all required clocks, including the 50 MHz
RMII reference clock output for the MAC. The KSZ8091RND takes in the 50 MHz RMII reference clock as the power-
up default.
Energy Efficient Ethernet (EEE) provides further power saving during idle traffic periods and Wake-On-LAN (WOL) pro-
vides a mechanism for the KSZ8091RNA to wake up a system that is in standby power mode.
The KSZ8091RNA and KSZ8091RND are available in 24-pin, lead-free QFN packages.
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
KSZ8091RNA/RND
RJ-45
CONNECTOR
MEDIA TYPES:
10BASE-T
100BASE-TX
RMII
MDC/MDIO
MANAGEMENT
XO
XI
25MHz
XTAL
22pF
22pF
10/100Mbps
RMII MAC
50MHz
REF_CLK
PME_N
(SYSTEM
POWER
CIRCUIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com