Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89530 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 17Page - Microchip Technology LAN89530 Datasheet HTML 18Page - Microchip Technology LAN89530 Datasheet HTML 19Page - Microchip Technology LAN89530 Datasheet HTML 20Page - Microchip Technology LAN89530 Datasheet HTML 21Page - Microchip Technology LAN89530 Datasheet HTML 22Page - Microchip Technology LAN89530 Datasheet HTML 23Page - Microchip Technology LAN89530 Datasheet HTML 24Page - Microchip Technology LAN89530 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 21
LAN89530
1
Test 2
TEST2
-
This pin must always be connected to +3.3 V for
proper operation.
1
Crystal Input
XI
ICLK
External 25 MHz crystal input.
Note:
This pin can also be driven by a single-
ended clock oscillator. When this
method is used, XO should be left
unconnected.
1
Crystal Out-
put
XO
OCLK
External 25 MHz crystal output.
TABLE 2-4:
MISCELLANEOUS PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com